Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS2DBVR Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373K – JULY 1999 – REVISED NOVEMBER 2008.................................................................................................................................................... www.ti.com
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
VITH+
Positive-going differential input voltage threshold
100
See Figure 3
mV
VITH–
Negative-going differential input voltage threshold
–100
IOH = –8 mA, VCC = 2.4 V
1.9
VOH
High-level output voltage
V
IOH = –8 mA, VCC = 3 V
2.4
VOL
Low-level output voltage
IOL = 8 mA
0.25
0.4
V
ICC
Supply current
No load, Steady state
4
7
mA
VI = 0 V, other input = 1.2 V
–20
–2
LVDS2
VI = 2.2 V, other input = 1.2 V,
–3
–1.2
VCC = 3.0 V
II
Input current (A or B inputs)
µA
VI = 0 V, other input open
–40
-4
LVDT2
VI = 2.2 V, other input open, VCC = 3.0 V
–6
–2.4
IID
Differential input current (IIA – IIB)
LVDS2
VIA = 2.4 V VIB = 2.3 V
–2
2
µA
LVDS2
VCC = 0 V, VIA = VIB = 2.4 V
20
II(OFF)
Power-off input current (A or B inputs)
µA
LVDT2
VCC = 0 V, VIA = VIB = 2.4 V
40
RT
Differential input resistance
LVDT2
VIA = 2.4 V VIB = 2.2 V
90
111
132
Ω
CI
Input Capacitance
VI = 0.4sin(4E6πt) + 0.5V
5.8
pF
CO
Output Capacitance
VI = 0.4sin(4E6πt) + 0.5V
3.4
pF
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as a minimum, is used in this data sheet.
(2)
All typical values are at 25°C and with a 2.7-V supply.
over recommended operating conditions (unless otherwise noted)
TYP(
PARAMETER
TEST CONDITIONS
MIN
MAX UNIT
1)
Propagation delay time, low-to-high-level
tPLH
1.4
2.6
3.6
ns
output
Propagation delay time, high-to-low-level
tPHL
1.4
2.5
3.6
ns
CL = 10 pF, See Figure 6
output
tsk(p)
Pulse skew (|tpHL – tpLH|)
(2)
0.1
0.6
ns
tr
Output signal rise time
0.8
1.4
ns
tf
Output signal fall time
0.8
1.4
ns
VCC = 3.0 V - 3.6 V
2.2
3
5.5
V/ns
tr(slew)
Output slew rate (rising)
VCC = 2.4 V - 2.7 V
1.5
1.9
2.9
V/ns
CL = 10 pF
VCC = 3.0 V - 3.6 V
2.7
3.8
6
V/ns
tf(slew)
Output slew rate (falling)
VCC = 2.4 V - 2.7 V
2.1
2.3
3.9
V/ns
(1)
All typical values are at 25°C and with a 2.7-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
6
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com