Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS2DBVR Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
DESCRIPTION
3
2
4
5
(TOP VIEW)
1
VCC
GND
Z
D
Y
SN65LVDS1
DBV Package
3
2
4
5
(TOP VIEW)
1
VCC
GND
A
R
B
SN65LVDS2 and SN65LVDT2
DBV Package
VCC
D
NC
GND
Z
Y
NC
NC
SN65LVDS1
D Package
(TOP VIEW)
1
2
3
4
8
7
6
5
B
A
NC
NC
VCC
R
NC
GND
SN65LVDS2 and SN65LVDT2
D Package
(TOP VIEW)
1
2
3
4
8
7
6
5
PART NUMBER
INTEGRATED
TERMINATION
PACKAGE
SOT23-5
PACKAGE
MARKING
SN65LVDS1DBV
SN65LVDS1D
SN65LVDS2DBV
SN65LVDS2D
SN65LVDT2DBV
SN65LVDT2D
√
√
SOIC-8
SAAI
LVDS1
SABI
LVDS2
SACI
LVDT2
AVAILABLE OPTIONS
SOT23-5
SOT23-5
SOIC-8
SOIC-8
110-
Ω Resistor for LVDT Only
110-
Ω Resistor for LVDT Only
SN65LVDS1
SN65LVDS2
SN65LVDT2
www.ti.com.................................................................................................................................................... SLLS373K – JULY 1999 – REVISED NOVEMBER 2008
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
• Meets or Exceeds the ANSI TIA/EIA-644A
Standard
• Designed for Signaling Rates
The signaling rate of a line is the number of voltage transitions that
are made per second expressed in the units bps (bits per second)
up to:
–
630 Mbps Drivers
–
400 Mbps Receivers
• Operates From a 2.4-V to 3.6-V Supply
• Available in SOT-23 and SOIC Packages
• Bus-Terminal ESD Exceeds 9 kV
• Low-Voltage Differential Signaling With Typical
Output Voltages of 350 mV Into a 100-
Ω Load
• Propagation Delay Times
–
1.7 ns Typical Driver
–
2.5 ns Typical Receiver
• Power Dissipation at 200 MHz
–
25 mW Typical Driver
–
60 mW Typical Receiver
• LVDT Receiver Includes Line Termination
• Low Voltage TTL (LVTTL) Level Driver Input Is
5-V Tolerant
• Driver Is Output High Impedance With
VCC < 1.5 V
• Receiver Output and Inputs Are High
Impedance With VCC < 1.5 V
• Receiver Open-Circuit Fail Safe
• Differential Input Voltage Threshold Less Than
100 mV
The SN65LVDS1, SN65LVDS2, and SN65LVDT2 are
single,
low-voltage,
differential
line
drivers
and
receivers in the small-outline transistor package. The
outputs comply with the TIA/EIA-644A standard and
provide
a
minimum
differential
output
voltage
magnitude of 247 mV into a 100-
Ω load at signaling
rates up to 630 Mbps for drivers and 400 Mbps for
receivers.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS2DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
282Kb / 18P
HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI1-SN65LVDS2DBVR Datasheet
1Mb / 42P
High-Speed Differential Line Drivers and Receivers
SN65LVDS2DBVRG4 TI-SN65LVDS2DBVRG4 Datasheet
282Kb / 18P
HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS2DBVRG4 TI-SN65LVDS2DBVRG4 Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDS2DBVR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
HIGH SPEED DIFFERENTIAL LINE RECEIVERS
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
High speed differential line receivers
20-Mar-2007
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com