Electronic Components Datasheet Search
  English  ▼

X  

CC8520 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520 Datasheet(HTML) 5 Page - Texas Instruments

  CC8520 Datasheet HTML 1Page - Texas Instruments CC8520 Datasheet HTML 2Page - Texas Instruments CC8520 Datasheet HTML 3Page - Texas Instruments CC8520 Datasheet HTML 4Page - Texas Instruments CC8520 Datasheet HTML 5Page - Texas Instruments CC8520 Datasheet HTML 6Page - Texas Instruments CC8520 Datasheet HTML 7Page - Texas Instruments CC8520 Datasheet HTML 8Page - Texas Instruments CC8520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
5
Copyright
© 2010, Texas Instruments Incorporated
AUDIO PLL CHARACTERISTICS
TA = 25°C and VDD = 3.3 V, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
MCLK Frequency range
Programmable using the PPW Configurator [1]
32·FWCLK
512·FWCLK
BCLK Frequency range
Programmable using the PPW Configurator [1]
32·FWCLK
256·FWCLK
WCLK Frequency range
31.936
48.096
kHz
RMS jitter
RMS period jitter for 1000 periods
80
200
ps
1
PIN DESCRIPTION
Figure 1 - CC8520 QFN Package Top View
PIN
PIN NAME
PIN TYPE
DESCRIPTION
-
GND
Ground
The exposed die attach pad must be connected to a solid ground plane underneath the
chip
1
XANTN
Digital I/O
1
FW2.0: Controlling external antenna switch (FW1.0/FW1.1: NC)
2
XANTP
Digital I/O
1
FW2.0: Controlling external antenna switch (FW1.0/FW1.1: NC)
3
CS_N
Digital Input
(pull-up)
Serial SPI configuration interface, active low chip select
4
SCLK
Digital I/O
1
Serial SPI configuration interface, clock input/output
5
MOSI
Digital I/O
1
Serial SPI configuration interface, master data input, slave data output
6
MISO
GIO0
Digital I/O
1
Serial SPI configuration interface, master data output, slave data input GIO0 output when
CS_N is deasserted.
General-purpose digital I/O pin 0
7
GIO1
Digital I/O
1
General-purpose digital I/O pin 1
Configurable with PurePath™ Wireless Configurator
8
GIO2
Digital I/O
1
General-purpose digital I/O pin 2
9
GIO3
Digital I/O
2
General-purpose digital I/O pin 3
Configurable with PurePath™ Wireless Configurator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com