Electronic Components Datasheet Search
  English  ▼

X  

CC8520 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC8520 Datasheet HTML 7Page - Texas Instruments CC8520 Datasheet HTML 8Page - Texas Instruments CC8520 Datasheet HTML 9Page - Texas Instruments CC8520 Datasheet HTML 10Page - Texas Instruments CC8520 Datasheet HTML 11Page - Texas Instruments CC8520 Datasheet HTML 12Page - Texas Instruments CC8520 Datasheet HTML 13Page - Texas Instruments CC8520 Datasheet HTML 14Page - Texas Instruments CC8520 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
11
Copyright
© 2010, Texas Instruments Incorporated
5
COEXISTENCE AND AUDIO COMPRESSION
The CC8520 implements a wide range of techniques to maximize coexistence performance when operating in
an environment with other 2.4 GHz wireless devices. The built-in protocol implements adaptive frequency
hopping. This helps improve coexistence with RF sources that do not move around in frequency, such as IEEE
802.11 (Wireless LAN) devices, as well as providing robust performance in a multipath RF environment. Audio
is buffered in the receiver, and any data which is not correctly received, is retransmitted utilizing the high raw
datarate (5Mbps). When link quality is poor (e.g. when moving out of range), audio is muted until a reliable link
is restored.
Forward Error Correction (FEC) is built into the CC8520 modulation scheme. Furthermore, packets are divided
into independent sections so that an error in one section does not mean the whole packet is lost.
The CC8520 supports uncompressed PCM16 audio, with no modifications made to the digital audio. High
quality audio compression can optionally be enabled and effectively reducing average current consumption by
lowering the radio duty-cycle. Compression improves robustness further, as there is less data sent and more
time available for retransmission.
6
AUDIO INTERFACE
The CC8520 audio interface is I2S compatible and it supports up to 2 audio channels. The audio interface on
the protocol master can be configured as clock master (supplied from the internal audio PLL) or as clock slave
(clock supplied from external audio IC).
The audio interface has 2 data pins. Each of these can be configured as an input, output or unused. The audio
interface can be configured to support I2S. The CC8520 supports word widths of 16 to 24 bits, but over-the-air
16 bits is always used.
7
HUMAN INTERACTION DRIVERS (HID)
The CC8520 supports basic HID functionality without an external MCU. This means that some basic
functionality can be controlled on the slave remotely from the master. The HID functionality supported
includes:
- power control (to turn devices on/off)
- network binding (to pair devices)
- volume control (volume control can be managed locally)
- Status LED (blinking diode to indicate the status of the RF link)
All HID functions are configurable in the PPW Configurator [1] and can be mapped to the CC8520 I/O pins.
8
EXTERNAL HOST INTERFACE (EHIF / Data side channel)
The external host interface (EHIF) allows an external host device, e.g. a microcontroller, to:
•
Control the operation of and poll status from the CC8520, mainly by taking over driver functionality.
•
Communicate with other external host devices through an integrated data side-channel
•
Get access to test functionality for audio, I/O and RF.
The external host interface is available via SPI with a single interrupt pin. The external host will act as SPI
master and CC8520 will act as SPI slave.
User specified data can be transferred between the master EHIF and the slave EHIFs, in both directions using
the data side-channel. The data side-channel establishes robust, ensured-delivery connections in both
directions from any slave to the master or from master to any slave (direct slave to slave communication is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com