Electronic Components Datasheet Search
  English  ▼

X  

TPD4E004 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E004
Description  4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4E004 Datasheet(HTML) 2 Page - Texas Instruments

  TPD4E004 Datasheet HTML 1Page - Texas Instruments TPD4E004 Datasheet HTML 2Page - Texas Instruments TPD4E004 Datasheet HTML 3Page - Texas Instruments TPD4E004 Datasheet HTML 4Page - Texas Instruments TPD4E004 Datasheet HTML 5Page - Texas Instruments TPD4E004 Datasheet HTML 6Page - Texas Instruments TPD4E004 Datasheet HTML 7Page - Texas Instruments TPD4E004 Datasheet HTML 8Page - Texas Instruments TPD4E004 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
IO3
IO4
GND
IO2
IO1
V
CC
ABSOLUTE MAXIMUM RATINGS
(1)
TPD4E004
4-CHANNEL ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLVS729A – FEBRUARY 2008 – REVISED FEBRUARY 2008
PIN DESCRIPTION
TERMINAL
DESCRIPTION
NAME
NO.
GND
3
Ground
IOx
1,2,4,5
ESD-protected channel
VCC
6
Power-supply input
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
5.5
V
VIO
Input/output voltage range
–0.3
VCC + 0.3
V
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPD4E004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com