Electronic Components Datasheet Search
  English  ▼

X  

TPD4E004 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E004
Description  4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4E004 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4E004 Datasheet HTML 1Page - Texas Instruments TPD4E004 Datasheet HTML 2Page - Texas Instruments TPD4E004 Datasheet HTML 3Page - Texas Instruments TPD4E004 Datasheet HTML 4Page - Texas Instruments TPD4E004 Datasheet HTML 5Page - Texas Instruments TPD4E004 Datasheet HTML 6Page - Texas Instruments TPD4E004 Datasheet HTML 7Page - Texas Instruments TPD4E004 Datasheet HTML 8Page - Texas Instruments TPD4E004 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ESD Protection
TPD4E004
4-CHANNEL ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLVS729A – FEBRUARY 2008 – REVISED FEBRUARY 2008
VCC = 0.9 V to 5.5 V, TA = TMIN to TMAX (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VCC
Supply voltage
0.9
5.5
V
ICC
Supply current
500
nA
VF
Diode forward voltage
IF = 1 mA
0.8
V
II
Channel leakage current
±1
nA
VBR
Break-down voltage
II = 10 µA
6
8
V
CI/O
Channel input capacitance
VCC = 5 V, Bias of VCC/2, f = 10 MHz
1.6
2
pF
(1)
Typical values are at VCC = 5 V and TA = 25°C.
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±12
kV
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4E004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com