Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 2 Page - Texas Instruments

  OPA369 Datasheet HTML 1Page - Texas Instruments OPA369 Datasheet HTML 2Page - Texas Instruments OPA369 Datasheet HTML 3Page - Texas Instruments OPA369 Datasheet HTML 4Page - Texas Instruments OPA369 Datasheet HTML 5Page - Texas Instruments OPA369 Datasheet HTML 6Page - Texas Instruments OPA369 Datasheet HTML 7Page - Texas Instruments OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATIONS
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
1
2
3
4
8
7
6
5
V+
OutB
-
InB
+InB
OutA
-
InA
+InA
V
-
OPA369
OPA2369
SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008 ............................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
Supply Voltage
VS = (V+) – (V–)
+7
V
Voltage(2)
(V–) –0.5 to (V+) + 0.5
V
Single Input
Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Ambient Operating Temperature
–55 to +125
°C
Ambient Storage Temperature
–65 to +150
°C
Junction Temperature
TJ
+150
°C
Human Body Model
(HBM)
4000
V
ESD Ratings
Charged Device Model
(CDM)
1000
V
Machine Model
(MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to VS/2, one amplifier per package.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA369
SC70-5
DCK
CJS
MSOP-8
DGK
OCCQ
OPA2369
SOT23-8
DCN
OCBQ
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
OPA369
OPA2369
SC70-5
MSOP-8, SOT23-8
(TOP VIEW)
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA369 OPA2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com