Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 3 Page - Texas Instruments

  OPA369 Datasheet HTML 1Page - Texas Instruments OPA369 Datasheet HTML 2Page - Texas Instruments OPA369 Datasheet HTML 3Page - Texas Instruments OPA369 Datasheet HTML 4Page - Texas Instruments OPA369 Datasheet HTML 5Page - Texas Instruments OPA369 Datasheet HTML 6Page - Texas Instruments OPA369 Datasheet HTML 7Page - Texas Instruments OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V
OPA369
OPA2369
www.ti.com ............................................................................................................................................ SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008
BOLDFACE limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, and RL = 100kΩ connected to VS/2, unless otherwise noted.
OPA369, OPA2369
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
250
750
µV
over Temperature
1
mV
Drift
dVOS/dT
0.4
1.75
µV/°C
vs Power Supply
PSRR
VS = 1.8V to 5.5V
5
20
µV/V
Channel Separation
dc
140
dB
f = 1kHz
120
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–)
(V+)
V
Common-Mode Rejection Ratio
CMRR
(V–)
≤ VCM ≤ (V+)
100
114
dB
over Temperature
(V–)
≤ VCM ≤ (V+)
90
dB
INPUT BIAS CURRENT
Input Bias Current
IB
10
50
pA
over Temperature
See Figure 16
pA
Input Offset Current
IOS
10
50
pA
INPUT IMPEDANCE
Differential
Ω || pF
1013|| 3
Common-Mode
Ω || pF
1013|| 6
NOISE
Input Voltage Noise
f = 0.1Hz to 10Hz
3.6
µV
PP
Input Voltage Noise Density
f = 100Hz
220
nV/
√Hz
f = 1kHz
290
nV/
√Hz
Current Noise Density
f = 1kHz
1
fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
100mV
≤ VO ≤ (V+)–100mV,
114
134
dB
RL = 100kΩ
Over Temperature
100mV
≤ VO ≤ (V+)–100mV,
100
dB
RL = 100kΩ
500mV
≤ VO ≤ (V+)–500mV,
114
134
dB
RL = 10kΩ
Over Temperature
500mV
≤ VO ≤ (V+)–500mV,
90
dB
RL = 10kΩ
OUTPUT
Voltage Output Swing from Rail
RL = 100kΩ
10
mV
RL = 10kΩ
25
mV
Short-Circuit Current
ISC
10
mA
Capacitive Load Drive
CLOAD
See Figure 20
pF
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
12
kHz
Slew Rate
SR
G = +1
0.005
V/
µs
Overload Recovery Time
VIN × Gain > VS
250
µs
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA369 OPA2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com