Electronic Components Datasheet Search
  English  ▼

X  

DAC7568 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7568
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DAC7568 Datasheet HTML 33Page - Texas Instruments DAC7568 Datasheet HTML 34Page - Texas Instruments DAC7568 Datasheet HTML 35Page - Texas Instruments DAC7568 Datasheet HTML 36Page - Texas Instruments DAC7568 Datasheet HTML 37Page - Texas Instruments DAC7568 Datasheet HTML 38Page - Texas Instruments DAC7568 Datasheet HTML 39Page - Texas Instruments DAC7568 Datasheet HTML 40Page - Texas Instruments DAC7568 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
DAC7568
DAC8168
DAC8568
www.ti.com.................................................................................................................................................................................................................................................. SBAS430A – JANUARY 2009 – REVISED APRIL 2009
Table 10. Control Matrix for the DAC7568, DAC8168, and DAC8568 (continued)
DB30-
DB16-
DB31
DB28
DB27
DB26
DB25
DB24
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DESCRIPTION
Don't
D13-
0
Care
C3
C2
C1
C0
A3
A2
A1
A0
D16
D15
D14
D7
D6
D5
D4
D3
D2
D1
F3
F2
F1
F0
GENERAL DATA FORMAT FOR 16-BIT DAC8568
Don't
D11-
0
Care
C3
C2
C1
C0
A3
A2
A1
A0
D14
D13
D12
D5
D4
D3
D2
D1
X
X
F3
F2
F1
F0
GENERAL DATA FORMAT FOR 14-BIT DAC8168
Don't
0
Care
C3
C2
C1
C0
A3
A2
A1
A0
D12
D11
D10
D9-D3
D2
D1
X
X
X
X
F3
F2
F1
F0
GENERAL DATA FORMAT FOR 12-BIT DAC7568
Power-Down Commands
0
0
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
Power-up DAC A, B, C, D, E, F, G, H by setting
0
X
0
1
0
0
X
X
X
X
X
X
X
X
H
G
F
E
D
C
B
A
respective bit to '1'
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
Power-down DAC A, B, C, D, E, F, G, H, 1k
Ω to
0
X
0
1
0
0
X
X
X
X
X
X
X
X
0
1
H
G
F
E
D
C
B
A
GND by setting respective bit to '0'
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
Power-down DAC A, B, C, D, E, F, G, H, 100k
Ω to
0
X
0
1
0
0
X
X
X
X
X
X
X
X
1
0
H
G
F
E
D
C
B
A
GND by setting respective bit to '0'
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
Power-down DAC A, B, C, D, E, F, G, H, High-Z to
0
X
0
1
0
0
X
X
X
X
X
X
X
X
1
1
H
G
F
E
D
C
B
A
GND by setting respective bit to '0'
Internal Reference Commands
Power down internal reference - static mode
0
X
1
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
(default), must use external reference to operate
device; see Table 2
Power up internal reference - static mode; see
Table 1 (NOTE: When all DACs power down, the
0
X
1
0
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1
reference powers down; when any DAC powers up,
the reference powers up)
Power up internal reference - flexible mode; see
Table 3 (NOTE: When all DACs power down, the
0
X
1
0
0
1
X
X
X
X
1
0
0
X
X
X
X
X
X
X
X
X
X
X
reference powers down; when any DAC powers up,
the reference powers up)
Power up internal reference all the time regardless
0
X
1
0
0
1
X
X
X
X
1
0
1
X
X
X
X
X
X
X
X
X
X
X
of state of DACs - flexible mode; see Table 4
Power down internal reference all the time
regardless of state of DACs - flexible mode; see
0
X
1
0
0
1
X
X
X
X
1
1
0
X
X
X
X
X
X
X
X
X
X
X
Table 5 (NOTE: External reference must be used to
operate device)
Switching internal reference mode from flexible
0
X
1
0
0
1
X
X
X
X
0
0
0
X
X
X
X
X
X
X
X
X
X
X
mode to static mode
Reserved Bits
Reserved Bit - not valid; device does not perform to
0
X
1
0
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
specified conditions
Reserved Bit - not valid; device does not perform to
0
X
1
0
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
specified conditions
Reserved Bit - not valid; device does not perform to
0
X
1
1
0
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
specified conditions
Reserved Bit - not valid; device does not perform to
0
X
1
1
0
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
specified conditions
Reserved Bit - not valid; device does not perform to
0
X
1
1
1
0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
specified conditions
Reserved Bit - not valid; device does not perform to
0
X
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
specified conditions
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com