Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 16Page - Texas Instruments CDCE706 Datasheet HTML 17Page - Texas Instruments CDCE706 Datasheet HTML 18Page - Texas Instruments CDCE706 Datasheet HTML 19Page - Texas Instruments CDCE706 Datasheet HTML 20Page - Texas Instruments CDCE706 Datasheet HTML 21Page - Texas Instruments CDCE706 Datasheet HTML 22Page - Texas Instruments CDCE706 Datasheet HTML 23Page - Texas Instruments CDCE706 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Bytes 19 to 24, Bit [3]: Output Y0–Y5 Enable or Low-State
ENDISYx
Output Yx
Default(1)
0
Disable to low
1
Enable
Yes
(1)
Unless customer-specific setting
Bytes 19 to 24, Bit [6]: Output Y0–Y5 Noninverting/Inverting
INVYx
Output Yx Status
Default(1)
0
Noninverting
Yes
1
Inverting
(1)
Unless customer-specific setting
Byte 24, Bit [7] (Read-Only): EEPROM Programming In Process Status(1)
EEPIP
Indicate EEPROM Write Process
Default
0
No programming
1
Programming in process
(1)
This read-only bit indicates an EEPROM write process. It is set to high if programming starts and resets to low if programming is
completed. Any data written to the EEPIP bit is ignored. During programming, no data are allowed to be sent to the device via the
SMBus until the programming sequence is completed. Data, however, can be read out during the programming sequence (byte read or
block read).
Byte 25, Bits [3:0]: SSC Modulation Frequency Selection in the Range of 30 kHz to 60 kHz(1)
fvco (MHz)
Modulation
FSSC3
FSSC2
FSSC1
FSSC0
Default(2)
Factor
100
110
120
130
140
150
160
167
0
0
0
0
5680
fmod
17.6
19.4
21.1
22.9
24.6
26.4
28.2
29.4
[kHz]
0
0
0
1
5412
18.5
20.3
22.2
24.0
25.9
27.7
29.6
30.9
0
0
1
0
5144
19.4
21.4
23.3
25.3
27.2
29.2
31.1
32.5
0
0
1
1
4876
20.5
22.6
24.6
26.7
28.7
30.8
32.8
34.2
0
1
0
0
4608
21.7
23.9
26.0
28.2
30.4
32.6
34.7
36.2
0
1
0
1
4340
23.0
25.3
27.6
30.0
32.3
34.6
36.9
38.5
0
1
1
0
4072
24.6
27.0
29.5
31.9
34.4
36.8
39.3
41.0
0
1
1
1
3804
26.3
28.9
31.5
34.2
36.8
39.4
42.1
43.9
1
0
0
0
3536
28.3
31.1
33.9
36.8
39.6
42.4
45.2
47.2
1
0
0
1
3286
30.4
33.5
36.5
39.6
42.6
45.6
48.7
50.8
Yes
1
0
1
0
3000
33.3
36.7
40.0
43.3
46.7
50.0
53.3
55.7
1
0
1
1
2732
36.6
40.3
43.9
47.6
51.2
54.9
58.6
61.1
1
1
0
0
2464
40.6
44.6
48.7
52.8
56.8
60.9
64.9
67.8
1
1
0
1
2196
45.5
50.1
54.6
59.2
63.8
68.3
72.9
76.0
1
1
1
0
1928
51.9
57.1
62.2
67.4
72.6
77.8
83.0
86.6
1
1
1
1
1660
60.2
66.3
72.3
78.3
84.3
90.4
96.4
100.6
(1)
The PLL must be bypassed (turned off) when changing the SSC Modulation Frequency Factor on-the-fly. This can be done by the
following programming sequence: bypass PLL2 (byte 3, bit 6 = 1); write new Modulation Factor (byte 25); re-activate PLL2 (byte 3,
bit 6 = 0).
(2)
Unless customer-specific setting
20
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com