Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWG4
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE706PWG4 Datasheet HTML 4Page - Texas Instruments CDCE706PWG4 Datasheet HTML 5Page - Texas Instruments CDCE706PWG4 Datasheet HTML 6Page - Texas Instruments CDCE706PWG4 Datasheet HTML 7Page - Texas Instruments CDCE706PWG4 Datasheet HTML 8Page - Texas Instruments CDCE706PWG4 Datasheet HTML 9Page - Texas Instruments CDCE706PWG4 Datasheet HTML 10Page - Texas Instruments CDCE706PWG4 Datasheet HTML 11Page - Texas Instruments CDCE706PWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
DEVICE CHARACTERISTICS (continued)
over recommended operating free-air temperature range and test load (unless otherwise noted), see Figure 1
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS PARAMETER FOR VCCOUT = 2.5-V Mode
(9)
VCCOUT = 2.3 V, IOH = 0.1 mA
2.2
VOH
LVCMOS high-level output voltage
VCCOUT = 2.3 V, IOH = –3 mA
1.7
V
VCCOUT = 2.3 V, IOH = –4 mA
1.5
VCCOUT = 2.3 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VCCOUT = 2.3 V, IOL = 3 mA
0.5
V
VCCOUT = 2.3 V, IOL = 4 mA
0.85
All PLL bypass
9
tPLH,
Propagation delay
ns
tPHL
VCO bypass
11
tr0/tf0
Rise and fall time for output slew rate 0
VCCOUT = 2.5 V (20%–80%)
2
3.9
5.6
ns
tr1/tf1
Rise and fall time for output slew rate 1
VCCOUT = 2.5 V (20%–80%)
1.8
2.9
4.4
ns
tr2/tf2
Rise and fall time for output slew rate 2
VCCOUT = 2.5 V (20%–80%)
1.3
2
3.2
ns
Rise and fall time for output slew rate 3
tr3/tf3
VCCOUT = 2.5 V (20%–80%)
0.4
0.8
1.1
ns
(default configuration)
fOUT = 50 MHz
60
105
1 PLL, 1 output
fOUT = 245.76 MHz
50
85
tjit(cc)
Cycle-to-cycle jitter(10)(11)
ps
fOUT = 50 MHz
130
160
3 PLLs, 3 outputs
fOUT = 245.76 MHz
60
95
fOUT = 50 MHz
65
110
1 PLL, 1 output
fOUT = 245.76 MHz
60
90
tjit(per)
Peak-to-peak period jitter(10)(11)
ps
fOUT = 50 MHz
145
180
3 PLLs, 3 outputs
fOUT = 245.76 MHz
70
105
tsk(o)
Output skew (see(12) and Table 5)
2-ns rise/fall time at fVCO = 150 MHz, Pdiv = 3
250
ps
odc
Output duty cycle(13)
fVCO = 100 MHz, Pdiv = 1
45%
55%
SMBus PARAMETER
VIK
SCLK and SDATA input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
ILK
SCLK and SDATA input current
VI = 0 V or VCC, VCC = 3.6 V
±5
µA
VIH
SCLK input, high voltage
2.1
V
VIL
SCLK input, low voltage
0.8
V
VOL
SDATA low-level output voltage
IOL = 4 mA, VCC = 3 V
0.4
V
Input capacitance at SCLK
VI = 0 V or VCC
3
10
pF
CI
Input capacitance at SDATA
VI = 0 V or VCC
3
10
pF
(9)
There is a limited drive capability at output supply voltage of 2.5 V. For proper termination, see the CDCx706/x906 Termination and
Signal Integrity Guidelines application report, SCAA080.
(10) 50,000 cycles
(11) Jitter depends on configuration. Jitter data is normal tr/tf, input frequency = 3.84 MHz, fVCO = 245.76 MHz.
(12) The tsk(o) specification is only valid for equal loading of all outputs.
(13) odc depends on output rise and fall time (tr/tf). The data is for normal tr/tf and is valid for both SSC on and off.
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com