Electronic Components Datasheet Search
  English  ▼

X  

CDCE706PWG4 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706PWG4
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706PWG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCE706PWG4 Datasheet HTML 20Page - Texas Instruments CDCE706PWG4 Datasheet HTML 21Page - Texas Instruments CDCE706PWG4 Datasheet HTML 22Page - Texas Instruments CDCE706PWG4 Datasheet HTML 23Page - Texas Instruments CDCE706PWG4 Datasheet HTML 24Page - Texas Instruments CDCE706PWG4 Datasheet HTML 25Page - Texas Instruments CDCE706PWG4 Datasheet HTML 26Page - Texas Instruments CDCE706PWG4 Datasheet HTML 27Page - Texas Instruments CDCE706PWG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
XO
or
2LVCMOS
or
Differential
Input
CLK_IN0
CLK_IN1
InputSourceSelect
(FromEEPROM)
S0379-01
PLL Configuration and Setting
B0337-01
MUX
PLLx
PFD
Filter
VCO
VCOBypass
9-BitDividerM
1...511
12-BitDividerN
1...4095
SSC
(PLL2Only)
PLL Output
SSCOutput
(PLL2Only)
Programming
InputClock
CDCE706
SCAS815I – OCTOBER 2005 – REVISED NOVEMBER 2008 ........................................................................................................................................... www.ti.com
Differential Clock Inputs
The CDCE706 supports differential signaling as well. In this mode, the CLK_IN0 and CLK_IN1 pins serve as
differential signal inputs and can be driven up to 200 MHz.
The minimum magnitude of the differential input voltage is 100 mV over a differential common-mode input
voltage range of 200 mV to VCC – 0.6 V. If LVDS or LVPECL signal levels are applied, ac coupling and a biasing
structure are recommended to adjust the different physical layers (see Figure 17). The capacitor removes the dc
component of the signal (common-mode voltage), whereas the ac component (voltage swing) is passed on. A
resistor pullup and/or pulldown network represents the biasing structure used to set the common-mode voltage
on the receiver side of the ac-coupling capacitor. DC coupling is also possible.
Figure 17. Differential Clock Input Circuitry
The CDCE706 includes three PLLs which are equal in function and performance, except PLL2, which in addition
supports spread-spectrum clocking (SSC) generation. Figure 18 shows the block diagram of the PLL.
Figure 18. PLL Architecture
All three PLLs are designed for easiest configuration. The user must define only the input and output frequencies
or the divider (M, N, P) setting. All other parameters, such as charge-pump current, filter components, phase
margin, or loop bandwidth are controlled and set by the device itself. This assures optimized jitter attenuation and
loop stability.
The PLLs supports normal-speed mode (80 MHz
≤ fVCO ≤ 200 MHz) and high-speed mode (180 MHz ≤ fVCO ≤
300 MHz), which can be selected by PLLxFVCO (bits [7:5] of byte 6). The speed option assures stable operation
and lowest jitter.
24
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com