Electronic Components Datasheet Search
  English  ▼

X  

DC1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC1
Description  HDMI Standard Digital Interface Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DC1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB-0121-2
2/9
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Component
Material/ Finish
Insulator
Heat resistant plastic
Contact
Copper alloy/ Au plating over Ni
Shell
Copper alloy/ Sn plating
Receptacle
Component
Material/ Finish
Insulator
Heat resistant plastic
Contact
Copper alloy/ Au plating over Ni
Shell
Copper alloy/ Sn plating
Hood
PVC/ Color: Black (UL94V-0)
Plug (for Cable harness)
DC1 R 019
* B * E400Note1
Series
Receptacle side
No. of Contacts: 19 pos.
Modification code
Plating
B: Au plating
DC1P 019 S T3Note 2 **** B
Series
Wiring S: Single link
Color B: Black
Cable length(cm)
0150: 150cm
0200: 200cm
0300: 300cm
0500: 500cm
Applicable cable:
T3: Twinax cable AWG30
T8: Twinax cable AWG28
Ordering Information
E400: Emboss product
400pcs./ reel
Note 1
Please contact us concerning through-hole type.
Embossed reel is compatible with DC1R019JB1
only.
No. of Contacts: 19 pos.
Terminal
J: SMT Angle type
W: SMT Straight type
Note 2
Cable specification
T3 is 150cm, 200cm, 300cm.
T8 is 500cm.
•HDMI-HDMI Cable harness
•Receptacle



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com