Electronic Components Datasheet Search
  English  ▼

X  

DC1 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # DC1
Description  HDMI Standard Digital Interface Connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DC1 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  DC1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. DC1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MB-0121-2
3/9
JAE PMK Div. Proprietary. Copyright © 2008,Japan Aviation Electronics Industry, Ltd.
DC1DV2 S S T3Note 3 **** B
Series
Wiring
S: Single link
Color B: Black
Cable length(cm)
0150: 150cm
0200: 200cm
0300: 300cm
0500: 500cm
Applicable cable:
T3: Twinax cable AWG30
T8: Twinax cable AWG28
No. of Contacts S: 19pos.
Note 3
Cable specification
T3 is 150cm, 200cm, 300cm.
T8 is 500cm.
•HDMI-DVI Cable harness



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com