Electronic Components Datasheet Search
  English  ▼

X  

TPD4S012 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S012
Description  4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S012 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4S012 Datasheet HTML 1Page - Texas Instruments TPD4S012 Datasheet HTML 2Page - Texas Instruments TPD4S012 Datasheet HTML 3Page - Texas Instruments TPD4S012 Datasheet HTML 4Page - Texas Instruments TPD4S012 Datasheet HTML 5Page - Texas Instruments TPD4S012 Datasheet HTML 6Page - Texas Instruments TPD4S012 Datasheet HTML 7Page - Texas Instruments TPD4S012 Datasheet HTML 8Page - Texas Instruments TPD4S012 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
0
14
Voltage (V)
2
4
6
8
10
10
12
0
2.0
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
30
Voltage (V)
5
10
15
20
25
0
1.8
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
9.00E-12
1.00E-11
1.10E-11
1.20E-11
1.30E-11
1.40E-11
1.50E-11
1.60E-11
1.70E-11
1.80E-11
0.0
1.0
2.0
3.0
4.0
5.0
Volts
V
to GND
BUS
7.00E-13
8.00E-13
9.00E-13
1.00E-12
1.10E-12
1.20E-12
1.30E-12
1.40E-12
1.50E-12
1.60E-12
1.70E-12
0.0
1.0
2.0
3.0
4.0
5.0
Volts
D+ to GND
–40
–20
140
0
250
Time (ns)
0
20
40
60
80
100
120
25
50
75
100
125
150
175
200
225
–120
40
0
250
Time (ns)
25
50
75
100
125
150
175
200
225
–100
–80
–60
–40
–20
0
20
TPD4S012
www.ti.com
SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS (continued)
Figure 5. D+, D–, or ID Clamp Voltage Under ESD Event
Figure 6. VBUS Clamp Voltage Under ESD Event
Figure 7. D+, D–, or ID Capacitance, TA = 27°C
Figure 8. VBUS Capacitance, TA = 27°C
Figure 9. IEC Clamping Waveform, 8 kV Contact, D+, 25 ns/div
Figure 10. IEC Clamping Waveform, –8 kV Contact, D+, 25
ns/div
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD4S012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com