Electronic Components Datasheet Search
  English  ▼

X  

TPD4S012 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S012
Description  4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S012 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4S012 Datasheet HTML 1Page - Texas Instruments TPD4S012 Datasheet HTML 2Page - Texas Instruments TPD4S012 Datasheet HTML 3Page - Texas Instruments TPD4S012 Datasheet HTML 4Page - Texas Instruments TPD4S012 Datasheet HTML 5Page - Texas Instruments TPD4S012 Datasheet HTML 6Page - Texas Instruments TPD4S012 Datasheet HTML 7Page - Texas Instruments TPD4S012 Datasheet HTML 8Page - Texas Instruments TPD4S012 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
V
BUS
GND
D+
D–
-
ID
TPD4S012
www.ti.com
SLVS928A – MARCH 2009 – REVISED NOVEMBER 2009
CIRCUIT DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
DRY
XXX
NAME
PIN NO.
BALL NO.
1
A1
D+
ESD clamp
Provides ESD protection to the high-speed differential data lines
2
B1
D–
ESD clamp
Provides ESD protection to the high-speed differential data lines
3
B2
ID
ESD clamp
Provides ESD protection to the high-speed differential data lines
4
A2
GND
Pwr
Ground
5
–
N.C.
–
Not internally connected
6
C1, C2
VBUS
ESD clamp
ESD clamp for high-voltage tolerant VBUS line(s)
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBUS voltage tolerance
VBUS pin
–0.3
20
V
IO voltage tolerance
D+, D–, ID pins
–0.3
6
V
Tstg
Storage temperature range
–65
125
°C
TA
Operating free-air temperature range
–40
85
°C
IEC 61000-4-2 Contact Discharge
D+, D–, ID
±10
kV
IEC 61000-4-2 Air-Gap Discharge
D+, D–, ID
±10
kV
IEC 61000-4-2 Contact Discharge
VBUS pin
±10
kV
IEC 61000-4-2 Air-Gap Discharge
VBUS pin
±9
kV
Peak pulse power (tp = 8/20 μs)
D+, D–, ID, VBUS pins
60
W
Peak pulse current (tp = 8/20 μs)
D+, D–, ID, VBUS pins
3
A
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4S012



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com