Electronic Components Datasheet Search
  English  ▼

X  

AK2 Datasheet(PDF) 2 Page - EPCOS

Part # AK2
Description  Pressure sensors AK2 series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AK2 Datasheet(HTML) 2 Page - EPCOS

  AK2 Datasheet HTML 1Page - EPCOS AK2 Datasheet HTML 2Page - EPCOS AK2 Datasheet HTML 3Page - EPCOS AK2 Datasheet HTML 4Page - EPCOS AK2 Datasheet HTML 5Page - EPCOS AK2 Datasheet HTML 6Page - EPCOS AK2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pressure sensors
Gauge pressure transducers
AK2 series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Description
The transducers are based on piezoresistive silicon pressure sensors
from our own clean room.
The robust stainless steel/plastic casing is accentuated
through its excellent mechanical decoupling.
Features
Piezoresistive MEMS technology
Measured media:
Air, non-aggressive gases (gas humidity 0 ... 100% r.h.)
and non-aggressive fluids.
Unsuitable for substances which react with glass, silicon, stainless
steel, silicone glue (pr ≤ 10 bar) or epoxy glue (pr > 10 bar).
Whetstone bridge with mV output, proportional to pressure
and ratiometric to supply voltage
RoHS-compatible, halogen-free
Dual-in-line package for PCB mounting
Dimensional drawings
Type KD (4.8 mm tube fitting)
Type KC (M5 thread connection)
All dimensions in mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com