Electronic Components Datasheet Search
  English  ▼

X  

AK2 Datasheet(PDF) 4 Page - EPCOS

Part # AK2
Description  Pressure sensors AK2 series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

AK2 Datasheet(HTML) 4 Page - EPCOS

  AK2 Datasheet HTML 1Page - EPCOS AK2 Datasheet HTML 2Page - EPCOS AK2 Datasheet HTML 3Page - EPCOS AK2 Datasheet HTML 4Page - EPCOS AK2 Datasheet HTML 5Page - EPCOS AK2 Datasheet HTML 6Page - EPCOS AK2 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pressure sensors
Gauge pressure transducers
AK2 series
AS SEN PD
2009-08-03
Please read
Cautions and warnings and
Page 4 of 7
Important notes at the end of this document.
Terminal assignment
Pin
Symbol
Terminal assignment
1
VDD+
Supply voltage
2
Vout+
Output voltage
3
VDD–
Supply voltage
4
Vout–
Output voltage
1 VDD+
2 Vout+
4 Vout–
3 VDD–
The polarity of Vout applies to positive pressure.
Negative pressure or a reversed supply voltage
results in a reversed polarity of the output voltage Vout.
Rated pressures and ordering codes
Type
Type KD
Type KC
Rated pressure pr
bar
Product type
Ordering code
Other rated pressures upon request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com