Electronic Components Datasheet Search
  English  ▼

X  

B2562 Datasheet(PDF) 7 Page - EPCOS

Part # B2562
Description  Film capacitors- Power electronic capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2562 Datasheet(HTML) 7 Page - EPCOS

Back Button B2562 Datasheet HTML 2Page - EPCOS B2562 Datasheet HTML 3Page - EPCOS B2562 Datasheet HTML 4Page - EPCOS B2562 Datasheet HTML 5Page - EPCOS B2562 Datasheet HTML 6Page - EPCOS B2562 Datasheet HTML 7Page - EPCOS B2562 Datasheet HTML 8Page - EPCOS B2562 Datasheet HTML 9Page - EPCOS B2562 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 7 of 10
.
Technical data and ordering codes
Capacitance tolerance
±10%
tan o
2
• 10-4
tan (100 Hz)
1
• 10-3
Θstg
–55 ... +85 °C
tLD
100 000 h
VR
V DC
CR
F
Ordering code
Imax
A
Rs
m
Lself
nH
Θ
Θ
Θ
Θmax
°C
D
mm
H
mm
160
B25620B0167K881
40
2.2
80
50
75
70
220
B25620B0227K881
50
1.9
60
50
85
70
260
B25620B0267K881
45
2.8
80
50
75
95
260
B25620S0267K881
45
2.8
80
50
85
95
350
B25620B0357K881
50
2.4
60
50
85
95
400
B25620B0407K881
45
3.8
80
50
75
132
440
B25620B0447K882
65
1.5
60
50
116
70
480
B25620B0487K881
55
2.8
60
50
85
120
550
B25620B0557K881
50
3.0
60
50
85
132
700
B25620B0707K882
70
1.7
60
50
116
95
750
B25620B0757K881
55
3.7
60
50
85
173
970
B25620B0977K882
75
1.9
60
50
116
120
1100
B25620B0118K882
75
2.0
60
50
116
132
880
1500
B25620B0158K882
80
2.4
60
50
116
173
100
B25620B1107K101
35
2.5
80
50
75
70
140
B25620B1147K101
45
2.1
60
50
85
70
170
B25620B1177K101
40
3.2
80
50
75
95
230
B25620B1237K101
40
4.1
80
50
75
120
260
B25620B1267K101
40
4.4
80
50
75
132
280
B25620B1287K102
60
1.6
60
50
116
70
310
B25620B1317K101
50
3.2
60
50
85
120
350
B25620B1357K101
40
5.6
80
50
75
173
400
B25620B1407K101
55
2.4
60
50
85
132
420
B25620S1427A101
55
2.2
60
50
85
138
450
B25620B1457K102
65
1.9
60
50
116
95
480
B25620B1487K101
50
4.3
60
50
85
173
610
B25620B1617K102
70
2.2
60
50
116
120
700
B25620B1707K102
70
2.3
60
50
116
132
940
B25620B1947K102
70
1.6
60
50
116
173
1100
B25620B1118K103
80
1.5
100
50
116
223
1100
1100
B25620S1118K103
80
1.5
100
50
116
230



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com