Electronic Components Datasheet Search
  English  ▼

X  

B2562 Datasheet(PDF) 5 Page - EPCOS

Part # B2562
Description  Film capacitors- Power electronic capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B2562 Datasheet(HTML) 5 Page - EPCOS

  B2562 Datasheet HTML 1Page - EPCOS B2562 Datasheet HTML 2Page - EPCOS B2562 Datasheet HTML 3Page - EPCOS B2562 Datasheet HTML 4Page - EPCOS B2562 Datasheet HTML 5Page - EPCOS B2562 Datasheet HTML 6Page - EPCOS B2562 Datasheet HTML 7Page - EPCOS B2562 Datasheet HTML 8Page - EPCOS B2562 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 5 of 10
.
Test data
Voltage between terminals VTT:
1.5 • VRDC, 10 s
Voltage between terminals and case VTC: 2 • Vi + 1000 V, 10 s
Dissipation factor tan
δ at 100 Hz:
1.0 • 10-3
Life test:
IEC 61071
Life expectancy tLD:
100 000 hours
Climatic category
55/60/56
Θstg:
–55 °C ... +85 °C
Θmin:
–55 °C
Θmax:
+60 °C
Θhs:
+75 °C
Max. permissible humidity:
95% (ttest = 56 days)
Construction and general data
Resin filling:
Non PCB, hard polyurethane (Dry type).
Mounting and grounding:
M12 Stud on bottom of the aluminum case.
Cooling:
Naturally air-cooled (or forced air cooling)
Max. Permissible altitude:
2000 m above sea level
Degree of protection:
Indoor mounting
Reference standards:
IEC 61071
RoHS Compliance
Mechanical characteristics
Max. torque (case) M12 stud:
12 Nm
Max. torque (terminal):
8 Nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com