Electronic Components Datasheet Search
  English  ▼

X  

B3516 Datasheet(PDF) 3 Page - EPCOS

Part # B3516
Description  SAW Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3516 Datasheet(HTML) 3 Page - EPCOS

  B3516 Datasheet HTML 1Page - EPCOS B3516 Datasheet HTML 2Page - EPCOS B3516 Datasheet HTML 3Page - EPCOS B3516 Datasheet HTML 4Page - EPCOS B3516 Datasheet HTML 5Page - EPCOS B3516 Datasheet HTML 6Page - EPCOS B3516 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
April 08, 2009
B3516
1880.00 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Reference temperature:
TA =
+25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fC
—
1880.00
—
MHz
Maximum insertion attenuation
α
max
1850.00 ... 1910.00 MHz
—
2.9
3.4
dB
Amplitude ripple (p-p)
∆α
1850.00 ... 1910.00 MHz
—
1.3
1.8
dB
Input VSWR
1850.00 ... 1910.00 MHz
—
2.0
2.2
Output VSWR
1850.00 ... 1910.00 MHz
—
2.0
2.2
Attenuation
α
10.00 ... 1570.00 MHz
25.0
29.0
—
dB
1570.00 ... 1720.00 MHz
26.0
31.0
—
dB
1935.00 ... 2200.00 MHz
32.0
36.0
—
dB
2200.00 ... 2700.00 MHz
24.0
27.0
—
dB
2700.00 ... 3820.00 MHz
12.0
15.0
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com