Electronic Components Datasheet Search
  English  ▼

X  

B3516 Datasheet(PDF) 4 Page - EPCOS

Part # B3516
Description  SAW Components
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3516 Datasheet(HTML) 4 Page - EPCOS

  B3516 Datasheet HTML 1Page - EPCOS B3516 Datasheet HTML 2Page - EPCOS B3516 Datasheet HTML 3Page - EPCOS B3516 Datasheet HTML 4Page - EPCOS B3516 Datasheet HTML 5Page - EPCOS B3516 Datasheet HTML 6Page - EPCOS B3516 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
April 08, 2009
B3516
1880.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Characteristics
Temperature range for specification:
TA = –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1880.00
—
MHz
Maximum insertion attenuation
α
max
1850.00 ... 1910.00 MHz
—
2.9
4.1
dB
Amplitude ripple (p-p)
∆α
1850.00 ... 1910.00 MHz
—
1.3
2.7
dB
Input VSWR
1850.00 ... 1910.00 MHz
—
2.0
2.3
Output VSWR
1850.00 ... 1910.00 MHz
—
2.0
2.3
Attenuation
α
10.00 ... 1570.00 MHz
25.0
29.0
—
dB
1570.00 ... 1720.00 MHz
26.0
31.0
—
dB
1935.00 ... 2200.00 MHz
20.0
36.0
—
dB
2200.00 ... 2700.00 MHz
24.0
27.0
—
dB
2700.00 ... 3820.00 MHz
12.0
15.0
—
dB
Maximum ratings
Operable temperature range TA
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
Input power max.
1850...1910 MHz
PIN
13
12
dBm
dBm
source and load impedance 50
Ω
peak power of TDMA signal,
duty cycle 1 : 3
continuous wave



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com