Electronic Components Datasheet Search
  English  ▼

X  

TLC59208FIPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59208FIPWR
Description  8-BIT FM I2C BUS LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59208FIPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLC59208FIPWR Datasheet HTML 1Page - Texas Instruments TLC59208FIPWR Datasheet HTML 2Page - Texas Instruments TLC59208FIPWR Datasheet HTML 3Page - Texas Instruments TLC59208FIPWR Datasheet HTML 4Page - Texas Instruments TLC59208FIPWR Datasheet HTML 5Page - Texas Instruments TLC59208FIPWR Datasheet HTML 6Page - Texas Instruments TLC59208FIPWR Datasheet HTML 7Page - Texas Instruments TLC59208FIPWR Datasheet HTML 8Page - Texas Instruments TLC59208FIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
INPUT FILTER
I C BUS CONTROL
2
GRPFREQ
REGISTER
POWER-ON
RESET CONTROL
25 MH
OSCILLATOR
z
‘0’ – Permanently OFF
‘1’ – Permanently ON
GND
VCC
RESET
SDA
SCL
190 Hz
24.3 H
k z
97 H
k z
GRPPWM
REGISTER
PWM
REGISTER
BRIGHTNESS
CONTROL
X
TLC59208F
LED STATE
SELECT
REGISTER
OUTPUT DRIVER AND
ERROR DETECTION
A1
A0
A2
OUT0
OUT1
OUT6
OUT7
TLC59208F
www.ti.com .................................................................................................................................................................................................. SCLS715 – MARCH 2009
BLOCK DIAGRAM
NOTE: Only one PWM shown for clarity.
TERMINAL FUNCTIONS
TERMINAL
I/O(1)
DESCRIPTION
NAME
NO.
A0
1
I
Address input 0
A1
2
I
Address input 1
A2
3
I
Address input 2
OUT0, OUT1,
4, 5,
OUT2, OUT3,
6, 7,
O
Open-drain output 0 to 7, LED ON at low
OUT4, OUT6,
9, 10,
OUT6, OUT7
11, 12
GND
8
–
Ground
RESET
13
I
Active-low reset input
SCL
14
I
Serial clock input
SDA
15
I/O
Serial data input/output
VCC
16
–
Power supply
(1)
I = input, O = output
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC59208F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com