Electronic Components Datasheet Search
  English  ▼

X  

TLC59208FIPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59208FIPWR
Description  8-BIT FM I2C BUS LED DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59208FIPWR Datasheet(HTML) 1 Page - Texas Instruments

  TLC59208FIPWR Datasheet HTML 1Page - Texas Instruments TLC59208FIPWR Datasheet HTML 2Page - Texas Instruments TLC59208FIPWR Datasheet HTML 3Page - Texas Instruments TLC59208FIPWR Datasheet HTML 4Page - Texas Instruments TLC59208FIPWR Datasheet HTML 5Page - Texas Instruments TLC59208FIPWR Datasheet HTML 6Page - Texas Instruments TLC59208FIPWR Datasheet HTML 7Page - Texas Instruments TLC59208FIPWR Datasheet HTML 8Page - Texas Instruments TLC59208FIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
FEATURES
TLC59208F
www.ti.com .................................................................................................................................................................................................. SCLS715 – MARCH 2009
8-BIT FM+ I2C BUS LED DRIVER
• Eight LED Drivers (Each Output Programmable
• Up to 64 Possible Hardware Adjustable
at OFF, ON, Programmable LED Brightness,
Individual I2C Bus Addresses Per Device so
Programmable Group Dimming/Blinking Mixed
That Each Device Can be Programmed
With Individual LED Brightness)
Individually
• Eight Open-Drain Output Channels
• Output State Change Programmable on the
Acknowledge or the STOP Command to
• 256-Step (8-Bit) Linear Programmable
Update Outputs Byte-by-Byte or All at the
Brightness Per LED Output Varying From Fully
Same Time (Default to 'Change on STOP')
Off (Default) to Maximum Brightness Using a
97-kHz PWM Signal
• Maximum Output Current: 50 mA
• 256-Step Group Brightness Control Allows
• Maximum Output Voltage: 17 V
General Dimming [Using a 190-Hz PWM Signal
• 25-MHz Internal Oscillator Requires no
From Fully Off to Maximum Brightness
External Components
(Default)]
• 1-MHz Fast-Mode Plus (FM+) Compatible I2C
• 256-Step Group Blinking With Frequency
Bus Interface With 30 mA High Drive
Programmable From 24 Hz to 10.73 s and Duty
Capability on SDA Output for Driving High
Cycle From 0% to 99.6%
Capacitive Buses
• 64 Programmable Slave Addresses Using
• Internal Power-On Reset
Three Hardware Address Pins
• Noise Filter on SCL/SDA Inputs
• Four Software Programmable I2C Bus
• No Glitch on Power Up
Addresses (One LED Group Call Address and
• Active-Low Reset (RESET)
Three LED Sub Call Addresses) Allow Groups
• Supports Hot Insertion
of Devices to be Simultaneously Addressed
Any Combination (For Example, One Register
• Low Standby Current
Used for ‘All Call’ so That All the TLC59208Fs
• 3.3-V or 5-V Supply Voltage
on the I2C Bus Can be Simultaneously
• 5.5-V Tolerant Inputs
Addressed and the Second Register Used for
• Packages Offered: 16-Pin Thin Shrink
Three Different Addresses so That One Third
Small-Outline Package [TSSOP (PW)], 16-Pin
of All Devices on the Bus Can be
Quad Flatpack No Lead [QFN (RGY)]
Simultaneously Addressed)
• –40°C to 85°C Operation
• Software Enable and Disable for I2C Bus
Address
• Software Reset Feature (SWRST Call) Allows
the Device to be Reset Through the I2C Bus
• Up to 14 Possible Hardware Adjustable
Individual I2C Bus Addresses Per Device so
That Each Device Can be Programmed
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC59208FIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59208FIPWR TI-TLC59208FIPWR Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59208FIPWR TI2-TLC59208FIPWR Datasheet
753Kb / 38P
TLC59208F 8-Bit Fm I2C Bus LED Driver
REVISED NOVEMBER 2015
TLC59208FIPWR TI2-TLC59208FIPWR Datasheet
766Kb / 40P
TLC59208F 8-Bit Fm I2C Bus LED Driver
REVISED NOVEMBER 2015
TLC59208FIPWR.B TI2-TLC59208FIPWR.B Datasheet
753Kb / 38P
TLC59208F 8-Bit Fm I2C Bus LED Driver
REVISED NOVEMBER 2015
TLC59208FIPWR.B TI2-TLC59208FIPWR.B Datasheet
766Kb / 40P
TLC59208F 8-Bit Fm I2C Bus LED Driver
REVISED NOVEMBER 2015
More results

Similar Description - TLC59208FIPWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
8-BIT FM I2C BUS LED DRIVER
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634PW,112 NXP-PCA9634PW,112 Datasheet
211Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
8-Bit FM I2C Bus LED Driver
TLC59208F TI1-TLC59208F Datasheet
1Mb / 37P
8-Bit Fm I2C Bus LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com