Electronic Components Datasheet Search
  English  ▼

X  

TRS3318CPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TRS3318CPWR
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TRS3318CPWR Datasheet HTML 1Page - Texas Instruments TRS3318CPWR Datasheet HTML 2Page - Texas Instruments TRS3318CPWR Datasheet HTML 3Page - Texas Instruments TRS3318CPWR Datasheet HTML 4Page - Texas Instruments TRS3318CPWR Datasheet HTML 5Page - Texas Instruments TRS3318CPWR Datasheet HTML 6Page - Texas Instruments TRS3318CPWR Datasheet HTML 7Page - Texas Instruments TRS3318CPWR Datasheet HTML 8Page - Texas Instruments TRS3318CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
DRIVER SECTION
Electrical Characteristics
Switching Characteristics
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Vhys
Driver input hysteresis
0.3
V
Ion
Input leakage current
FORCEON, DIN, FORCEOFF
±0.01
±1
μA
Vom
Output voltage swing
All driver outputs loaded with 3 k
Ω to ground
±3.7
±4
V
rO
Output resistance
VCC = 0, Driver output = ±2 V
300
10M
Ω
IOS
Output short-circuit current(2)
±25
±60
mA
VCC = 0 or 2.25 V to 3 V, VOUT = ±12 V, Drivers
Ioff
Output leakage current
±25
μA
disabled
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
(2)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Maximum data rate
RL = 3 kΩ, CL = 1000 pF, One transmitter switching
460
kbps
|tPHL – tPLH| Driver skew
(2)
100
ns
VCC = 2.5 V, TA = 25°C, RL = 3 kΩ to 7 kΩ,
SR(tr)
Transition-region slew rate
Measured from 3 V to –3 V or –3 V to 3 V,
4
30
V/
μs
CL = 150 pF to 2500 pF
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
(2)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TRS3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com