Electronic Components Datasheet Search
  English  ▼

X  

TRS3318CPWR Datasheet(PDF) 6 Page - Texas Instruments

Part # TRS3318CPWR
Description  2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3318CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRS3318CPWR Datasheet HTML 2Page - Texas Instruments TRS3318CPWR Datasheet HTML 3Page - Texas Instruments TRS3318CPWR Datasheet HTML 4Page - Texas Instruments TRS3318CPWR Datasheet HTML 5Page - Texas Instruments TRS3318CPWR Datasheet HTML 6Page - Texas Instruments TRS3318CPWR Datasheet HTML 7Page - Texas Instruments TRS3318CPWR Datasheet HTML 8Page - Texas Instruments TRS3318CPWR Datasheet HTML 9Page - Texas Instruments TRS3318CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
RECEIVER SECTION
Electrical Characteristics
Switching Characteristics
TRS3318
2.5-V 460-kbps RS-232 TRANSCEIVER
WITH ±15-kV ESD PROTECTION
SLLS820 – AUGUST 2007
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
VI
Input voltage range
–25
25
V
VIT+
Input voltage threshold low
TA = 25°C
0.3
× V
CC
V
VIT–
Input voltage threshold high
TA = 25°C
0.7
× V
CC
V
Vhys
Input hysteresis
0.3
V
ri
Input resistance
TA = 25°C
3
5
7
k
Ω
Ioff
Output leakage current
±0.05
±10
μA
VOL
Output voltage low
IOUT = 0.5 mA
0.1
× V
CC
V
VOH
Output voltage high
IOUT = –0.5 mA
0.9
× V
CC
V
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
over recommended ranges of supply voltage and operating free-air temperature,
VCC = 2.25 V to 3 V, C1–C4 = 0.1 μF, TA = TMIN to TMAX (unless otherwise noted) (see Figure 4)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
tPHL
0.175
Receiver propagation delay
RIN to ROUT, CL = 150 pF
μs
tPLH
0.175
|tPHL – tPLH|
Receiver skew(2)
50
ns
(1)
Typical values are at VCC = 2.5 V, TA = 25°C.
(2)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TRS3318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com