Electronic Components Datasheet Search
  English  ▼

X  

TX810 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TX810
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX810 Datasheet(HTML) 1 Page - Texas Instruments

  TX810 Datasheet HTML 1Page - Texas Instruments TX810 Datasheet HTML 2Page - Texas Instruments TX810 Datasheet HTML 3Page - Texas Instruments TX810 Datasheet HTML 4Page - Texas Instruments TX810 Datasheet HTML 5Page - Texas Instruments TX810 Datasheet HTML 6Page - Texas Instruments TX810 Datasheet HTML 7Page - Texas Instruments TX810 Datasheet HTML 8Page - Texas Instruments TX810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
VN
VP
HV TX
LVRX
1 Channel
of TX810
TX810
www.ti.com
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
8-Channel, Programmable T/R Switch for Ultrasound
Check for Samples: TX810
1
FEATURES
DESCRIPTION
2
•
Compact T/R Switch for Ultrasound
The TX810 provides an integrated solution for a wide
range of ultrasound applications. It is an 8 channel,
•
Flexible Programmability
current programmable, transmit/receive switch in a
–
8 Bias Current Settings
small 6mm × 6mm package.
–
8 Power/Performance Combinations
The internal diodes limit the output voltage when high
–
Easy Power-Up/Down control
voltage transmitter signals are applied to the input.
•
Fast Wake Up Time
While the insertion loss of TX810 is minimized during
receive mode.
•
Dual Supply Operation
•
Optimized Insertion Loss
Unlike conventional T/R switches, the TX810 contains
a 3-bit interface used to program bias current from
7mA to 0mA for different performance and power
APPLICATIONS
requirements. When the TX810 bias current is set as
•
Medical Ultrasound
0mA (i.e., high-impedance mode), the device is
•
Industrial Ultrasound
configured
as
power-down
mode.
In
the
high-impedance
mode,
TX810
does
not
add
additional
load
to
high-voltage
transmitters.
In
addition, the device can wake up from power-down
mode in less than 1µs. With these advanced
programmability features, significant power saving
can be achieved in systems.
Figure 1. Block Diagram of TX810
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TX810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI1-TX810 Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
TX810 TI2-TX810 Datasheet
2Mb / 18P
8-Channel, Programmable T/R Switch for Ultrasound
REVISED APRIL 2010
TX810IRHHR TI-TX810IRHHR Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
TX810IRHHR TI1-TX810IRHHR Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
More results

Similar Description - TX810

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
Power Amplifier with T/R Switch for 802.11b
logo
DAICO Industries, Inc.
100D1827 DAICO-100D1827 Datasheet
26Kb / 1P
T/R - Switch / LNA Assembly
CSA09147 DAICO-CSA09147 Datasheet
133Kb / 1P
Combination T/R - Switch / LNA
CSA09247 DAICO-CSA09247 Datasheet
35Kb / 1P
Combination T/R - Switch / LNA
logo
Texas Instruments
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
TX810 TI-TX810 Datasheet
2Mb / 17P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Supertex, Inc
MD0105 SUTEX-MD0105 Datasheet
674Kb / 5P
Four-Channel High Voltage Protection T/R Switch
logo
Texas Instruments
TX810 TI1-TX810_14 Datasheet
3Mb / 20P
8-Channel, Programmable T/R Switch for Ultrasound
logo
Supertex, Inc
MD0105K6-G SUTEX-MD0105K6-G Datasheet
659Kb / 5P
Four-Channel High Voltage Protection T/R Switch
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com