Electronic Components Datasheet Search
  English  ▼

X  

TX810 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TX810
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX810 Datasheet(HTML) 3 Page - Texas Instruments

  TX810 Datasheet HTML 1Page - Texas Instruments TX810 Datasheet HTML 2Page - Texas Instruments TX810 Datasheet HTML 3Page - Texas Instruments TX810 Datasheet HTML 4Page - Texas Instruments TX810 Datasheet HTML 5Page - Texas Instruments TX810 Datasheet HTML 6Page - Texas Instruments TX810 Datasheet HTML 7Page - Texas Instruments TX810 Datasheet HTML 8Page - Texas Instruments TX810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
B3
B1
7
6
5
4
3
2
1
14
13
11
10
12
OUT4
OUT3
OUT5
36
34
22
24
25
30
31
32
33
35
15
16
19
20
21
23
B2
NC
NC
8
9
17
18
26
27
29
28
GND
OUT6
GND
IN3
IN4
IN6
IN5
GND
NC
GND
TX810
PowerPAD™
TX810
www.ti.com
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
DEVICE INFORMATION
PIN FUNCTIONS
PIN
DESCRIPTION
NUMBER
NAME
1, 3, 7, 9, 10, 12, 34,
INn
Inputs for Channel n
36
16, 18, 19, 21, 25, 27,
OUTn
Outputs for Channel n
28, 30
33
VD
Logic Supply Voltage; +2.5 V to +5 V; bypass to ground with 0.1 µF and 10 µF capacitors
31
VP
Positive Supply Voltage; +5 V; bypass to ground with 0.1 µF and 10 µF capacitors
15
VN
Negative Supply Voltage; –5 V; bypass to ground with 0.1 µF and 10 µF capacitors
13
VB
Bias voltage; connect to 0 V (GND) for ±5 V operation
2, 8, 11, 14, 17, 20, 26,
GND
Ground
29, 32, 35
24
B1
Bit 1; Current program bit
23
B2
Bit 2; Current program bit
22
B3
Bit 3; Current program bit
4, 5, 6
NC
No internal connection.
PowerPAD™ of the package. –5 V to 0 V for ±5 V operation. The thermal pad is needed for thermal
0
Vsub
dissipation.
PQFN (RHH) Package
6 × 6mm, 0.5mm Pitch
(Top View)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TX810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com