Electronic Components Datasheet Search
  English  ▼

X  

LM34919 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34919
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM34919 Datasheet HTML 1Page - National Semiconductor (TI) LM34919 Datasheet HTML 2Page - National Semiconductor (TI) LM34919 Datasheet HTML 3Page - National Semiconductor (TI) LM34919 Datasheet HTML 4Page - National Semiconductor (TI) LM34919 Datasheet HTML 5Page - National Semiconductor (TI) LM34919 Datasheet HTML 6Page - National Semiconductor (TI) LM34919 Datasheet HTML 7Page - National Semiconductor (TI) LM34919 Datasheet HTML 8Page - National Semiconductor (TI) LM34919 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Descriptions
Pin Number
Name
Description
Application Information
A1
RON/SD
On-time control and shutdown
An external resistor from VIN to this pin sets the buck switch
on-time. Grounding this pin shuts down the regulator.
A2
RTN
Circuit Ground
Ground for all internal circuitry other than the current limit
detection.
A3
FB
Feedback input from the regulated
output
Internally connected to the regulation and over-voltage
comparators. The regulation level is 2.5V.
B1
SGND
Sense Ground
Re-circulating current flows into this pin to the current sense
resistor.
B3
SS
Softstart
An internal current source charges an external capacitor to
2.5V, providing the softstart function.
C1
ISEN
Current sense
The re-circulating current flows through the internal sense
resistor, and out of this pin to the free-wheeling diode.
Current limit is nominally set at 0.64A.
C3
VCC
Output from the startup regulator
Nominally regulates at 7.0V. An external voltage (7V-14V)
can be applied to this pin to reduce internal dissipation. An
internal diode connects VCC to VIN.
D1
VIN
Input supply voltage
Nominal input range is 8.0V to 40V.
D2
SW
Switching Node
Internally connected to the buck switch source. Connect to
the inductor, free-wheeling diode, and bootstrap capacitor.
D3
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to this pin. The
capacitor is charged from V
CC via an internal diode during
each off-time.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com