Electronic Components Datasheet Search
  English  ▼

X  

LM34919 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34919
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM34919 Datasheet HTML 8Page - National Semiconductor (TI) LM34919 Datasheet HTML 9Page - National Semiconductor (TI) LM34919 Datasheet HTML 10Page - National Semiconductor (TI) LM34919 Datasheet HTML 11Page - National Semiconductor (TI) LM34919 Datasheet HTML 12Page - National Semiconductor (TI) LM34919 Datasheet HTML 13Page - National Semiconductor (TI) LM34919 Datasheet HTML 14Page - National Semiconductor (TI) LM34919 Datasheet HTML 15Page - National Semiconductor (TI) LM34919 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
L1: The main parameter affected by the inductor is the in-
ductor current ripple amplitude (I
OR). The minimum load cur-
rent is used to determine the maximum allowable ripple in
order to maintain continuous conduction mode, where the
lower peak does not reach 0 mA. This is not a requirement of
the LM34919, but serves as a guideline for selecting L1. For
this case the maximum ripple current is:
I
OR(MAX) = 2 x IOUT(min) = 400 mA
(6)
If the minimum load current is zero, use 20% of I
OUT(max) for
I
OUT(min) in equation 6. The ripple calculated in Equation 6 is
then used in the following equation:
(7)
A standard value 15 µH inductor is selected. The maximum
ripple amplitude, which occurs at maximum V
IN, calculates to
362 mA p-p, and the peak current is 781 mA at maximum load
current. Ensure the selected inductor is rated for this peak
current.
C2 and R3: Since the LM34919 requires a minimum of 25
mVp-p ripple at the FB pin for proper operation, the required
ripple at V
OUT is increased by R1 and R2. This necessary rip-
ple is created by the inductor ripple current flowing through
R3, and to a lesser extent by C2 and its ESR. The minimum
inductor ripple current is calculated using equation 7, rear-
ranged to solve for I
OR at minimum VIN.
The minimum value for R3 is equal to:
A standard value 0.39
Ω resistor is used for R3 to allow for
tolerances. C2 should generally be no smaller than 3.3 µF,
although that is dependent on the frequency and the desired
output characteristics. C2 should be a low ESR good quality
ceramic capacitor. Experimentation is usually necessary to
determine the minimum value for C2, as the nature of the load
may require a larger value. A load which creates significant
transients requires a larger value for C2 than a non-varying
load.
C1 and C5: C1’s purpose is to supply most of the switch cur-
rent during the on-time, and limit the voltage ripple at V
IN, on
the assumption that the voltage source feeding V
IN has an
output impedance greater than zero.
At maximum load current, when the buck switch turns on, the
current into V
IN suddenly increases to the lower peak of the
inductor’s ripple current, ramps up to the upper peak, then
drops to zero at turn-off. The average current during the on-
time is the load current. For a worst case calculation, C1 must
supply this average load current during the maximum on-time,
without letting the voltage at V
IN drop below ≊7.5V. The min-
imum value for C1 is calculated from:
where t
ON is the maximum on-time, and ΔV is the allowable
ripple voltage (0.5V at V
IN = 8V). C5’s purpose is to minimize
transients and ringing due to long lead inductance leading to
the VIN pin. A low ESR, 0.1 µF ceramic chip capacitor must
be located close to the VIN and RTN pins.
C3: The capacitor at the VCC pin provides noise filtering and
stability for the Vcc regulator. C3 should be no smaller than
0.1 µF, and should be a good quality, low ESR, ceramic ca-
pacitor. C3’s value, and the V
CC current limit, determine a
portion of the turn-on-time (t
1 in Figure 1).
C4: The recommended value for C4 is 0.022 µF. A high quality
ceramic capacitor with low ESR is recommended as C4 sup-
plies a surge current to charge the buck switch gate at each
turn-on. A low ESR also helps ensure a complete recharge
during each off-time.
C6: The capacitor at the SS pin determines the softstart time,
i.e. the time for the output voltage, to reach its final value (t
2
in Figure 1). The capacitor value is determined from the fol-
lowing:
D1: A Schottky diode is recommended. Ultra-fast recovery
diodes are not recommended as the high speed transitions at
the SW pin may inadvertently affect the IC’s operation through
external or internal EMI. The diode should be rated for the
maximum input voltage, the maximum load current, and the
peak current which occurs when the current limit and maxi-
mum ripple current are reached simultaneously. The diode’s
average power dissipation is calculated from:
P
D1 = VF x IOUT x (1-D)
where V
F is the diode’s forward voltage drop, and D is the on-
time duty cycle.
FINAL CIRCUIT
The final circuit is shown in Figure 5, and its performance is
shown in Figure 6 and Figure 7. Current limit measured ap-
proximately 650 mA at 8V, and 740 mA at 40V.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com