Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 62 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 62 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 58Page - Altera Corporation EP3SL50 Datasheet HTML 59Page - Altera Corporation EP3SL50 Datasheet HTML 60Page - Altera Corporation EP3SL50 Datasheet HTML 61Page - Altera Corporation EP3SL50 Datasheet HTML 62Page - Altera Corporation EP3SL50 Datasheet HTML 63Page - Altera Corporation EP3SL50 Datasheet HTML 64Page - Altera Corporation EP3SL50 Datasheet HTML 65Page - Altera Corporation EP3SL50 Datasheet HTML 66Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 341 page
background image
1–52
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
t
co
3.410
3.667
5.251
5.711
6.288
6.153
6.355
5.859
6.439
6.303
6.449
ns
GCLK
PLL
t
co
1.695
1.941
2.589
2.710
2.976
2.992
2.912
2.849
3.116
3.133
2.924
ns
4mA
GCLK
t
co
3.191
3.465
4.924
5.343
5.883
5.748
5.950
5.494
6.033
5.896
6.042
ns
GCLK
PLL
t
co
1.470
1.739
2.262
2.342
2.571
2.587
2.507
2.484
2.710
2.726
2.517
ns
6mA
GCLK
tco
3.120
3.363
4.771
5.193
5.724
5.589
5.791
5.326
5.860
5.724
5.870
ns
GCLK
PLL
t
co
1.405
1.637
2.109
2.192
2.412
2.428
2.348
2.316
2.537
2.554
2.345
ns
8mA
GCLK
t
co
3.098
3.327
4.698
5.111
5.630
5.494
5.701
5.242
5.766
5.630
5.776
ns
GCLK
PLL
t
co
1.367
1.563
2.032
2.099
2.316
2.332
2.252
2.221
2.443
2.460
2.251
ns
1.5 V
2mA
GCLK
t
co
3.321
3.585
5.161
5.625
6.216
6.081
6.283
5.766
6.363
6.227
6.373
ns
GCLK
PLL
t
co
1.606
1.859
2.499
2.624
2.904
2.920
2.840
2.756
3.040
3.057
2.848
ns
4mA
GCLK
t
co
3.114
3.344
4.756
5.188
5.725
5.590
5.792
5.320
5.859
5.723
5.869
ns
GCLK
PLL
t
co
1.383
1.602
2.094
2.187
2.413
2.429
2.349
2.310
2.536
2.553
2.344
ns
6mA
GCLK
tco
3.087
3.318
4.683
5.103
5.630
5.494
5.701
5.235
5.762
5.627
5.773
ns
GCLK
PLL
t
co
1.356
1.554
2.021
2.091
2.307
2.323
2.243
2.212
2.431
2.448
2.239
ns
8mA
GCLK
t
co
3.068
3.307
4.666
5.079
5.611
5.475
5.682
5.211
5.743
5.608
5.754
ns
GCLK
PLL
t
co
1.337
1.545
1.999
2.073
2.288
2.304
2.224
2.194
2.409
2.426
2.217
ns
1.2 V
2mA
GCLK
t
co
3.264
3.510
5.071
5.539
6.141
6.006
6.208
5.678
6.279
6.143
6.289
ns
GCLK
PLL
tco
1.549
1.784
2.409
2.538
2.829
2.845
2.765
2.668
2.956
2.973
2.764
ns
4mA
GCLK
t
co
3.119
3.348
4.778
5.216
5.766
5.631
5.833
5.345
5.901
5.765
5.911
ns
GCLK
PLL
t
co
1.388
1.595
2.116
2.215
2.454
2.470
2.390
2.335
2.578
2.595
2.386
ns
SSTL-2
CLASS I
8mA
GCLK
tco
3.008
3.232
4.577
4.973
5.485
5.350
5.552
5.099
5.613
5.477
5.623
ns
GCLK
PLL
t
co
1.330
1.516
1.921
2.006
2.173
2.189
2.109
2.119
2.290
2.340
2.098
ns
12mA
GCLK
t
co
3.003
3.228
4.571
4.968
5.477
5.342
5.544
5.095
5.606
5.470
5.616
ns
GCLK
PLL
t
co
1.325
1.512
1.918
2.004
2.166
2.184
2.106
2.118
2.284
2.339
2.096
ns
SSTL-2
CLASS II
16mA
GCLK
t
co
2.994
3.217
4.556
4.952
5.450
5.315
5.517
5.078
5.579
5.452
5.589
ns
GCLK
PLL
tco
1.316
1.501
1.903
1.988
2.149
2.167
2.089
2.101
2.266
2.321
2.078
ns
Table 1–44. EP3SL50 Row Pins output Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com