Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 17 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 17 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 13Page - Altera Corporation EP3SL50 Datasheet HTML 14Page - Altera Corporation EP3SL50 Datasheet HTML 15Page - Altera Corporation EP3SL50 Datasheet HTML 16Page - Altera Corporation EP3SL50 Datasheet HTML 17Page - Altera Corporation EP3SL50 Datasheet HTML 18Page - Altera Corporation EP3SL50 Datasheet HTML 19Page - Altera Corporation EP3SL50 Datasheet HTML 20Page - Altera Corporation EP3SL50 Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–7
Electrical Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
The accuracy listed in Table 1–7 is valid at the time of calibration. If the voltage or
temperature changes, the termination resistance value varies. Table 1–8 lists the
resistance tolerance for Stratix III OCT.
Table 1–9 lists OCT variation with temperature and voltage after power-up
calibration. Use Table 1–9 and Equation 1–1 to determine OCT variation without
re-calibration.
Table 1–8. On-Chip Termination Resistance Tolerance Specification for Stratix III Devices
Symbol
Description
Conditions
Resistance Tolerance
Unit
C2
C3, I3
C4, I4
R
OCT_UNCAL
Internal series termination without
calibration
—
25-
 R
S 3.3, 3.0, 2.5
Internal series termination without
calibration (25-
 setting)
V
CCIO = 3.3, 3.0, 2.5 V
±30
±40
±40
%
25-
 R
S 1.8, 1.5
Internal series termination without
calibration (25-
 setting)
V
CCIO = 1.8, 1.5 V
±30
±50
±50
%
25-
 R
S 1.2
Internal series termination without
calibration (25-
 setting)
V
CCIO = 1.2 V
±35
±60
±60
%
50-
 R
S 3.3, 3.0, 2.5
Internal series termination without
calibration (50-
 setting)
V
CCIO = 3.3, 3.0, 2.5 V
±30
±40
±40
%
50-
 R
S 1.8, 1.5
Internal series termination without
calibration (50-
 setting)
V
CCIO = 1.8, 1.5 V
±30
±50
±50
%
50-
 R
S 1.2
Internal series termination without
calibration (50-
 setting)
V
CCIO = 1.2 V
±35
±60
±60
%
R
D
Internal differential termination for
LVDS technology (100-
setting)
V
CCIO = 2.5 V
-15 to 35
%
Equation 1–1. OCT Variation Without Re-Calibration (Note 1)
Notes to Equation 1–1:
(1) ROCT value calculated from Equation 1–1 shows the range of OCT resistance with the variation of temperature and
VCCIO.
(2) RSCAL is the OCT resistance value at power-up.
(3)
T is the variation of temperature with respect to the temperature at power-up.
(4)
V is the variation of voltage with respect to the V
CCIO at power-up.
(5) dR/dT is the percentage change of RSCAL with temperature.
(6) dR/dV is the percentage change of RSCAL with voltage.
R
OCT
R
SCAL 1
dR
dT
-------
T

dR
dV
-------
V

+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com