Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 155 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 155 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 151Page - Altera Corporation EP3SL50 Datasheet HTML 152Page - Altera Corporation EP3SL50 Datasheet HTML 153Page - Altera Corporation EP3SL50 Datasheet HTML 154Page - Altera Corporation EP3SL50 Datasheet HTML 155Page - Altera Corporation EP3SL50 Datasheet HTML 156Page - Altera Corporation EP3SL50 Datasheet HTML 157Page - Altera Corporation EP3SL50 Datasheet HTML 158Page - Altera Corporation EP3SL50 Datasheet HTML 159Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–145
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.8-V
SSTL CLASS I
4mA
GCLK
tco
3.151
3.396
4.805 5.209 5.720 5.584 5.839 5.335 5.849 5.712
5.915
ns
GCLK
PLL
t
co
1.371
1.557
2.015 2.118 2.331 2.344 2.347 2.226 2.443 2.453
2.335
ns
6mA
GCLK
tco
3.136
3.381
4.791 5.194 5.705 5.569 5.824 5.320 5.834 5.697
5.900
ns
GCLK
PLL
t
co
1.356
1.542
2.001 2.103 2.316 2.329 2.332 2.211 2.428 2.438
2.320
ns
8mA
GCLK
t
co
3.125
3.370
4.786 5.191 5.702 5.566 5.821 5.317 5.832 5.695
5.898
ns
GCLK
PLL
t
co
1.345
1.531
1.996 2.100 2.313 2.326 2.329 2.208 2.426 2.436
2.318
ns
10mA
GCLK
t
co
3.105
3.350
4.763 5.167 5.679 5.543 5.798 5.294 5.808 5.671
5.874
ns
GCLK
PLL
t
co
1.325
1.511
1.973 2.076 2.290 2.303 2.306 2.185 2.402 2.412
2.294
ns
12mA
GCLK
t
co
3.102
3.346
4.759 5.164 5.675 5.539 5.794 5.290 5.805 5.668
5.871
ns
GCLK
PLL
t
co
1.322
1.507
1.969 2.073 2.286 2.299 2.302 2.181 2.399 2.409
2.291
ns
8mA
GCLK
t
co
3.107
3.350
4.750 5.152 5.661 5.525 5.780 5.277 5.789 5.652
5.855
ns
GCLK
PLL
tco
1.327
1.511
1.960 2.061 2.272 2.285 2.288 2.168 2.383 2.393
2.275
ns
16mA
GCLK
t
co
3.100
3.343
4.749 5.153 5.664 5.528 5.783 5.280 5.794 5.657
5.860
ns
GCLK
PLL
tco
1.320
1.504
1.959 2.062 2.275 2.288 2.291 2.171 2.388 2.398
2.280
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
8mA
GCLK
t
co
3.138
3.382
4.787 5.190 5.700 5.564 5.819 5.316 5.829 5.692
5.895
ns
GCLK
PLL
t
co
1.358
1.543
1.997 2.099 2.311 2.324 2.327 2.207 2.423 2.433
2.315
ns
12mA
GCLK
t
co
3.120
3.365
4.772 5.175 5.685 5.549 5.804 5.301 5.814 5.677
5.880
ns
GCLK
PLL
t
co
1.340
1.526
1.982 2.084 2.296 2.309 2.312 2.192 2.408 2.418
2.300
ns
16mA
GCLK
t
co
3.106
3.349
4.749 5.151 5.660 5.524 5.779 5.277 5.789 5.652
5.855
ns
GCLK
PLL
t
co
1.326
1.510
1.959 2.060 2.271 2.284 2.287 2.168 2.383 2.393
2.275
ns
Table 1–78. EP3SL150 Row Pins Output Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com