Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 175 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 175 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 171Page - Altera Corporation EP3SL50 Datasheet HTML 172Page - Altera Corporation EP3SL50 Datasheet HTML 173Page - Altera Corporation EP3SL50 Datasheet HTML 174Page - Altera Corporation EP3SL50 Datasheet HTML 175Page - Altera Corporation EP3SL50 Datasheet HTML 176Page - Altera Corporation EP3SL50 Datasheet HTML 177Page - Altera Corporation EP3SL50 Datasheet HTML 178Page - Altera Corporation EP3SL50 Datasheet HTML 179Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–165
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–86 lists the EP3SL200 row pins input timing parameters for differential I/O
standards.
Table 1–86. EP3SL200 Row Pins Input Timing Parameters (Part 1 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-1.332
-1.401
-1.719
-1.648
-1.841
-1.769
-2.221
-1.630 -1.815 -1.769 -2.221
ns
t
h
1.476
1.563
1.994
1.939
2.157
2.071
2.526
1.934
2.145
2.071
2.526
ns
GCLK
PLL
t
su
0.869
0.886
1.991
2.205
2.405
2.282
2.297
2.252
2.458
2.282
2.297
ns
t
h
-0.581
-0.578
-1.475
-1.662
-1.803
-1.711
-1.711
-1.692 -1.839 -1.711 -1.711
ns
MINI-LVDS
GCLK
t
su
-1.332
-1.401
-1.719
-1.648
-1.841
-1.769
-2.221
-1.630 -1.815 -1.769 -2.221
ns
th
1.476
1.563
1.994
1.939
2.157
2.071
2.526
1.934
2.145
2.071
2.526
ns
GCLK
PLL
t
su
0.869
0.886
1.991
2.205
2.405
2.282
2.297
2.252
2.458
2.282
2.297
ns
t
h
-0.581
-0.578
-1.475
-1.662
-1.803
-1.711
-1.711
-1.692 -1.839 -1.711 -1.711
ns
RSDS
GCLK
t
su
-1.332
-1.401
-1.719
-1.648
-1.841
-1.769
-2.221
-1.630 -1.815 -1.769 -2.221
ns
t
h
1.476
1.563
1.994
1.939
2.157
2.071
2.526
1.934
2.145
2.071
2.526
ns
GCLK
PLL
tsu
0.869
0.886
1.991
2.205
2.405
2.282
2.297
2.252
2.458
2.282
2.297
ns
t
h
-0.581
-0.578
-1.475
-1.662
-1.803
-1.711
-1.711
-1.692 -1.839 -1.711 -1.711
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
GCLK
t
su
-1.137
-1.216
-1.849
-1.877
-2.030
-1.953
-2.400
-1.901 -2.052 -1.953 -2.400
ns
t
h
1.274
1.369
2.088
2.122
2.297
2.206
2.656
2.156
2.330
2.206
2.656
ns
GCLK
PLL
t
su
1.064
1.071
1.866
1.981
2.216
2.098
2.118
1.985
2.221
2.098
2.118
ns
t
h
-0.783
-0.772
-1.384
-1.483
-1.663
-1.576
-1.581
-1.474 -1.654 -1.576 -1.581
ns
GCLK
t
su
-1.137
-1.216
-1.849
-1.877
-2.030
-1.953
-2.400
-1.901 -2.052 -1.953 -2.400
ns
th
1.274
1.369
2.088
2.122
2.297
2.206
2.656
2.156
2.330
2.206
2.656
ns
GCLK
PLL
t
su
1.064
1.071
1.866
1.981
2.216
2.098
2.118
1.985
2.221
2.098
2.118
ns
t
h
-0.783
-0.772
-1.384
-1.483
-1.663
-1.576
-1.581
-1.474 -1.654 -1.576 -1.581
ns
DIFFERENTIAL
1.5-V
HSTL CLASS I
GCLK
t
su
-1.146
-1.228
-1.858
-1.887
-2.046
-1.969
-2.416
-1.910 -2.068 -1.969 -2.416
ns
t
h
1.283
1.381
2.097
2.132
2.313
2.222
2.672
2.165
2.346
2.222
2.672
ns
GCLK
PLL
tsu
1.055
1.059
1.857
1.971
2.200
2.082
2.102
1.976
2.205
2.082
2.102
ns
t
h
-0.774
-0.760
-1.375
-1.473
-1.647
-1.560
-1.565
-1.465 -1.638 -1.560 -1.565
ns
GCLK
t
su
-1.146
-1.228
-1.858
-1.887
-2.046
-1.969
-2.416
-1.910 -2.068 -1.969 -2.416
ns
t
h
1.283
1.381
2.097
2.132
2.313
2.222
2.672
2.165
2.346
2.222
2.672
ns
GCLK
PLL
t
su
1.055
1.059
1.857
1.971
2.200
2.082
2.102
1.976
2.205
2.082
2.102
ns
t
h
-0.774
-0.760
-1.375
-1.473
-1.647
-1.560
-1.565
-1.465 -1.638 -1.560 -1.565
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com