Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 181 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 181 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 177Page - Altera Corporation EP3SL50 Datasheet HTML 178Page - Altera Corporation EP3SL50 Datasheet HTML 179Page - Altera Corporation EP3SL50 Datasheet HTML 180Page - Altera Corporation EP3SL50 Datasheet HTML 181Page - Altera Corporation EP3SL50 Datasheet HTML 182Page - Altera Corporation EP3SL50 Datasheet HTML 183Page - Altera Corporation EP3SL50 Datasheet HTML 184Page - Altera Corporation EP3SL50 Datasheet HTML 185Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–171
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–88 lists the EP3SL200 row pins output timing parameters for differential I/O
standards.
Table 1–88. EP3SL200 Row Pins Output Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
—
GCLK
t
co
3.152
3.376
4.936 5.115 5.637 5.478 5.865 5.239
5.762
5.478
5.865
ns
GCLK
PLL
t
co
3.536
3.812
5.604 5.814 6.381 6.214 6.593 5.962
6.531
6.214
6.593
ns
LVDS_E_1R
—
GCLK
t
co
3.518
3.802
5.642 5.860 6.435 6.268 6.647 6.013
6.592
6.268
6.647
ns
GCLK
PLL
t
co
3.152
3.376
4.936 5.115 5.637 5.478 5.865 5.239
5.762
5.478
5.865
ns
LVDS_E_3R
—
GCLK
t
co
3.536
3.812
5.604 5.814 6.381 6.214 6.593 5.962
6.531
6.214
6.593
ns
GCLK
PLL
t
co
3.518
3.802
5.642 5.860 6.435 6.268 6.647 6.013
6.592
6.268
6.647
ns
MINI-LVDS
—
GCLK
t
co
3.152
3.376
4.936 5.115 5.637 5.478 5.865 5.239
5.762
5.478
5.865
ns
GCLK
PLL
t
co
3.536
3.812
5.604 5.814 6.381 6.214 6.593 5.962
6.531
6.214
6.593
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.518
3.802
5.642 5.860 6.435 6.268 6.647 6.013
6.592
6.268
6.647
ns
GCLK
PLL
tco
3.562
3.845
5.678 5.894 6.468 6.301 6.680 6.046
6.621
6.301
6.680
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.548
3.831
5.665 5.881 6.455 6.288 6.667 6.032
6.608
6.288
6.667
ns
GCLK
PLL
t
co
3.544
3.827
5.663 5.881 6.456 6.289 6.668 6.032
6.610
6.289
6.668
ns
RSDS
—
GCLK
t
co
3.560
3.842
5.664 5.878 6.450 6.283 6.662 6.029
6.603
6.283
6.662
ns
GCLK
PLL
t
co
3.549
3.832
5.660 5.874 6.447 6.280 6.659 6.026
6.600
6.280
6.659
ns
RSDS_E_1R
—
GCLK
t
co
3.546
3.829
5.658 5.872 6.445 6.278 6.657 6.024
6.599
6.278
6.657
ns
GCLK
PLL
t
co
3.557
3.839
5.659 5.873 6.444 6.277 6.656 6.023
6.597
6.277
6.656
ns
RSDS_E_3R
—
GCLK
t
co
3.547
3.830
5.657 5.871 6.443 6.276 6.655 6.023
6.597
6.276
6.655
ns
GCLK
PLL
t
co
3.533
3.816
5.642 5.856 6.429 6.262 6.641 6.008
6.582
6.262
6.641
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
4mA
GCLK
t
co
3.530
3.812
5.638 5.852 6.425 6.258 6.637 6.004
6.578
6.258
6.637
ns
GCLK
PLL
t
co
3.527
3.810
5.639 5.855 6.428 6.261 6.640 6.007
6.582
6.261
6.640
ns
6mA
GCLK
tco
3.528
3.810
5.629 5.843 6.415 6.248 6.627 5.994
6.568
6.248
6.627
ns
GCLK
PLL
t
co
3.577
3.863
5.700 5.916 6.491 6.324 6.703 6.068
6.644
6.324
6.703
ns
8mA
GCLK
t
co
3.553
3.839
5.682 5.899 6.474 6.307 6.686 6.051
6.629
6.307
6.686
ns
GCLK
PLL
t
co
3.535
3.820
5.660 5.877 6.452 6.285 6.664 6.029
6.607
6.285
6.664
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com