Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 189 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 189 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 185Page - Altera Corporation EP3SL50 Datasheet HTML 186Page - Altera Corporation EP3SL50 Datasheet HTML 187Page - Altera Corporation EP3SL50 Datasheet HTML 188Page - Altera Corporation EP3SL50 Datasheet HTML 189Page - Altera Corporation EP3SL50 Datasheet HTML 190Page - Altera Corporation EP3SL50 Datasheet HTML 191Page - Altera Corporation EP3SL50 Datasheet HTML 192Page - Altera Corporation EP3SL50 Datasheet HTML 193Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–179
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.5-V HSTL
CLASS I
GCLK
t
su
-1.141
-1.232
-1.824
-1.825 -1.954 -1.887 -2.333 -1.833 -1.964 -1.908 -2.377
ns
t
h
1.267
1.371
2.038
2.044
2.195
2.117
2.564
2.062
2.214
2.147
2.611
ns
GCLK
PLL
t
su
0.937
1.021
1.778
1.804
2.104
1.990
1.814
1.790
2.127
2.005
1.863
ns
t
h
-0.672
-0.735
-1.323
-1.336 -1.580 -1.496 -1.313 -1.312 -1.591 -1.499 -1.355
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-1.141
-1.232
-1.824
-1.825 -1.954 -1.887 -2.333 -1.833 -1.964 -1.908 -2.377
ns
t
h
1.267
1.371
2.038
2.044
2.195
2.117
2.564
2.062
2.214
2.147
2.611
ns
GCLK
PLL
t
su
0.937
1.021
1.778
1.804
2.104
1.990
1.814
1.790
2.127
2.005
1.863
ns
t
h
-0.672
-0.735
-1.323
-1.336 -1.580 -1.496 -1.313 -1.312 -1.591 -1.499 -1.355
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-1.132
-1.220
-1.815
-1.815 -1.938 -1.871 -2.317 -1.824 -1.948 -1.892 -2.361
ns
t
h
1.258
1.359
2.029
2.034
2.179
2.101
2.548
2.053
2.198
2.131
2.595
ns
GCLK
PLL
t
su
0.946
1.033
1.787
1.814
2.120
2.006
1.830
1.799
2.143
2.021
1.879
ns
t
h
-0.681
-0.747
-1.332
-1.346 -1.596 -1.512 -1.329 -1.321 -1.607 -1.515 -1.371
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-1.132
-1.220
-1.815
-1.815 -1.938 -1.871 -2.317 -1.824 -1.948 -1.892 -2.361
ns
t
h
1.258
1.359
2.029
2.034
2.179
2.101
2.548
2.053
2.198
2.131
2.595
ns
GCLK
PLL
t
su
0.946
1.033
1.787
1.814
2.120
2.006
1.830
1.799
2.143
2.021
1.879
ns
t
h
-0.681
-0.747
-1.332
-1.346 -1.596 -1.512 -1.329 -1.321 -1.607 -1.515 -1.371
ns
3.0-V PCI
GCLK
t
su
-1.245
-1.307
-1.922
-1.957 -2.202 -2.138 -2.590 -1.972 -2.209 -2.147 -2.527
ns
t
h
1.368
1.446
2.134
2.178
2.445
2.369
2.825
2.204
2.461
2.387
2.768
ns
GCLK
PLL
t
su
0.873
0.934
1.673
1.686
1.783
1.677
1.686
1.690
1.802
1.690
1.741
ns
t
h
-0.609
-0.649
-1.219
-1.216 -1.260 -1.185 -1.175 -1.209 -1.268 -1.188 -1.226
ns
3.0-V
PCI-X
GCLK
t
su
-1.245
-1.307
-1.922
-1.957 -2.202 -2.138 -2.590 -1.972 -2.209 -2.147 -2.527
ns
t
h
1.368
1.446
2.134
2.178
2.445
2.369
2.825
2.204
2.461
2.387
2.768
ns
GCLK
PLL
t
su
0.873
0.934
1.673
1.686
1.783
1.677
1.686
1.690
1.802
1.690
1.741
ns
t
h
-0.609
-0.649
-1.219
-1.216 -1.260 -1.185 -1.175 -1.209 -1.268 -1.188 -1.226
ns
Table 1–92. EP3SL340 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com