Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 205 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook, Volume 2
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 205 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 201Page - Altera Corporation EP3SL50 Datasheet HTML 202Page - Altera Corporation EP3SL50 Datasheet HTML 203Page - Altera Corporation EP3SL50 Datasheet HTML 204Page - Altera Corporation EP3SL50 Datasheet HTML 205Page - Altera Corporation EP3SL50 Datasheet HTML 206Page - Altera Corporation EP3SL50 Datasheet HTML 207Page - Altera Corporation EP3SL50 Datasheet HTML 208Page - Altera Corporation EP3SL50 Datasheet HTML 209Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–195
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–97 lists the EP3SL340 column pins output timing parameters for differential
I/O standards.
Table 1–97. EP3SL340 Column Pins Output Timing Parameters (Part 1 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS_E_1R
—
GCLK
t
co
3.438
3.700
5.415 5.607 6.143 5.991 6.399 5.739 6.274 6.122 6.475
ns
GCLK
PLL
t
co
1.427
1.606
2.089 2.181 2.406 2.407 2.475 2.287 2.511 2.514 2.459
ns
LVDS_E_3R
—
GCLK
t
co
3.434
3.703
5.462 5.662 6.205 6.053 6.461 5.798 6.340 6.188 6.541
ns
GCLK
PLL
t
co
1.423
1.609
2.136 2.236 2.468 2.469 2.537 2.346 2.577 2.580 2.525
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.438
3.700
5.415 5.607 6.143 5.991 6.399 5.739 6.274 6.122 6.475
ns
GCLK
PLL
tco
1.427
1.606
2.089 2.181 2.406 2.407 2.475 2.287 2.511 2.514 2.459
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.434
3.703
5.462 5.662 6.205 6.053 6.461 5.798 6.340 6.188 6.541
ns
GCLK
PLL
t
co
1.423
1.609
2.136 2.236 2.468 2.469 2.537 2.346 2.577 2.580 2.525
ns
RSDS_E_1R
—
GCLK
t
co
3.438
3.700
5.415 5.607 6.143 5.991 6.399 5.739 6.274 6.122 6.475
ns
GCLK
PLL
t
co
1.427
1.606
2.089 2.181 2.406 2.407 2.475 2.287 2.511 2.514 2.459
ns
RSDS_E_3R
—
GCLK
t
co
3.434
3.703
5.462 5.662 6.205 6.053 6.461 5.798 6.340 6.188 6.541
ns
GCLK
PLL
t
co
1.423
1.609
2.136 2.236 2.468 2.469 2.537 2.346 2.577 2.580 2.525
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
4mA
GCLK
t
co
3.465
3.733
5.486 5.685 6.227 6.075 6.483 5.819 6.360 6.208 6.561
ns
GCLK
PLL
tco
1.454
1.639
2.160 2.259 2.490 2.491 2.559 2.367 2.597 2.600 2.545
ns
6mA
GCLK
t
co
3.455
3.723
5.476 5.674 6.217 6.065 6.473 5.808 6.350 6.198 6.551
ns
GCLK
PLL
t
co
1.444
1.629
2.150 2.248 2.480 2.481 2.549 2.356 2.587 2.590 2.535
ns
8mA
GCLK
t
co
3.455
3.723
5.479 5.678 6.221 6.069 6.477 5.813 6.355 6.203 6.556
ns
GCLK
PLL
t
co
1.444
1.629
2.153 2.252 2.484 2.485 2.553 2.361 2.592 2.595 2.540
ns
10mA
GCLK
t
co
3.448
3.717
5.472 5.672 6.215 6.063 6.471 5.806 6.349 6.197 6.550
ns
GCLK
PLL
t
co
1.437
1.623
2.146 2.246 2.478 2.479 2.547 2.354 2.586 2.589 2.534
ns
12mA
GCLK
t
co
3.447
3.715
5.469 5.669 6.212 6.060 6.468 5.803 6.345 6.193 6.546
ns
GCLK
PLL
tco
1.436
1.621
2.143 2.243 2.475 2.476 2.544 2.351 2.582 2.585 2.530
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
16mA
GCLK
t
co
3.469
3.737
5.490 5.689 6.231 6.079 6.487 5.823 6.365 6.213 6.566
ns
GCLK
PLL
t
co
1.458
1.643
2.164 2.263 2.494 2.495 2.563 2.371 2.602 2.605 2.550
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com