Electronic Components Datasheet Search
  English  ▼

X  

UCD90124RGCT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90124RGCT
Description  12-Rail Sequencer and System Health Monitor With Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD90124RGCT Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCD90124RGCT Datasheet HTML 17Page - Texas Instruments UCD90124RGCT Datasheet HTML 18Page - Texas Instruments UCD90124RGCT Datasheet HTML 19Page - Texas Instruments UCD90124RGCT Datasheet HTML 20Page - Texas Instruments UCD90124RGCT Datasheet HTML 21Page - Texas Instruments UCD90124RGCT Datasheet HTML 22Page - Texas Instruments UCD90124RGCT Datasheet HTML 23Page - Texas Instruments UCD90124RGCT Datasheet HTML 24Page - Texas Instruments UCD90124RGCT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
UCD90124
www.ti.com
SLVSA29A – NOVEMBER 2009 – REVISED DECEMBER 2009
GPI Special Functions
Figure 14 lists and describes five special input functions for which GPIs can be used. There can be no more than
one pin assigned to each of these functions.
Figure 14. GPI Configuration – Special Input Functions
PWM Outputs
Pins 17–24 can be configured as fast pulse-width modulators (FPWMs). The frequency range is 15.259 kHz to
125 MHz. FPWMs can be configured as closed-loop margining outputs or general-purpose PWMs.
Any FPWM pin not used as a PWM output can be configured as a GPIO. One FPWM in a pair can be used as a
PWM output and the other pin can be used as a GPO. The FPWM pins are actively driven low from reset when
used as GPOs.
The frequency settings for the FPWMs apply to pairs of pins:
•
FPWM1 and FPWM2 – same frequency
•
FPWM3 and FPWM4 – same frequency
•
FPWM5 and FPWM6 – same frequency
•
FPWM7 and FPWM8 – same frequency
If an FPWM pin from a pair is not used while its companion is set up to function, it is recommended to configure
the unused FPWM pin as an active-low open-drain GPO so that it does not disturb the rest of the system. By
setting an FPWM, it automatically enables the other FPWM within the pair if it was not configured for any other
functionality.
Pins 31, 32, 41, and 42 can be used as GPIs or PWM outputs.
If configured as PWM outputs, then limitations apply:
•
PWM1 has a fixed frequency of 10 kHz
•
PWM2 has a fixed frequency of 1 kHz
•
PWM3 and PWM4 frequencies can be 0.93 Hz to 7.8125 MHz.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :UCD90124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com