Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 38 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 34Page - Texas Instruments XIO2001 Datasheet HTML 35Page - Texas Instruments XIO2001 Datasheet HTML 36Page - Texas Instruments XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments XIO2001 Datasheet HTML 41Page - Texas Instruments XIO2001 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
XIO2001
SCPS212D – MAY 2009 – REVISED JANUARY 2010
www.ti.com
Table 3-8. EEPROM Register Loading Map (continued)
SERIAL EEPROM WORD
BYTE DESCRIPTION
ADDRESS
07h
PCI D5h, general control, byte 1
08h
PCI D6h, general control, byte 2
09h
PCI D7h, general control, byte 3
0Ah
PCI D8h, clock control
0Bh
PCI D9h, clock mask
0Ch
Reserved—no bits loaded
0Dh
PCI DCh, arbiter control
0Eh
PCI DDh, arbiter request mask
0Fh
PCI C0h, control and diagnostic register, byte 0
10h
PCI C1h, control and diagnostic register, byte 1
11h
PCI C2h, control and diagnostic register, byte 2
12h
PCI C3h, control and diagnostic register, byte 3
13h
PCI C4h, control and diagnostic register, byte 0
14h
PCI C5h, control and diagnostic register, byte 1
15h
PCI C6h, control and diagnostic register, byte 2
15h
PCI C6h, control and diagnostic register, byte 2
16h
PCI C7h, control and diagnostic register, byte 3
17h
PCI C8h, control and diagnostic register, byte 0
18h
PCI C9h, control and diagnostic register, byte 1
19h
PCI CAh, control and diagnostic register, byte 2
1Ah
PCI CBh, control and diagnostic register, byte 3
1Bh
Reserved—no bits loaded
1Ch
Reserved—no bits loaded
1Dh
PCI E0h, serial IRQ mode control
1Eh
PCI E2h, serial IRQ edge control, byte 0
1Fh
PCI E3h, serial IRQ edge control, byte 1
20h
PCI E8h, PFA_REQ_LENGTH_LIMIT
21h
PCI E9h, PFA_REQ_CNT_LIMIT
22h
PCI EAh, CACHE_TMR_XFR_LIMIT
23h
PCI ECh, CACHE_TIMER_LOWER_LIMIT, Byte 0
24h
PCI EDh, CACHE_TIMER_LOWER_LIMIT, Byte 1
25h
PCI EEh, CACHE_TIMER_UPPER_LIMIT, Byte 0
26h
PCI EFh, CACHE_TIMER_UPPER_LIMIT, Byte 1
27h
End-of-list indicator (80h)
This format must be explicitly followed for the bridge to correctly load initialization values from a serial
EEPROM. All byte locations must be considered when programming the EEPROM.
The serial EEPROM is addressed by the bridge at slave address 1010 000b. This slave address is
internally hardwired and cannot be changed by the system designer. Therefore, all three hardware
address bits for the EEPROM are tied to VSS to achieve this address. The serial EEPROM in the sample
application circuit (Figure 3-13) assumes the 1010b high-address nibble. The lower three address bits are
terminal inputs to the chip, and the sample application shows these terminal inputs tied to VSS.
During an EEPROM download operation, bit 4 (ROMBUSY) in the serial-bus control and status register is
asserted. After the download is finished, bit 0 (ROM_ERR) in the serial-bus control and status register
may be monitored to verify a successful download.
38
Feature/Protocol Descriptions
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com