| Electronic Components Datasheet Search |
|
XIO2001 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2001 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 131 page ![]() XIO2001 www.ti.com SCPS212D – MAY 2009 – REVISED JANUARY 2010 2.6 Terminal Descriptions The following tables give a description of the terminals. These terminals are grouped in tables by functionality. Each table includes the terminal name, terminal number, I/O type, and terminal description. The following list describes the different input/output cell types that appear in the terminal description tables: • HS DIFF IN = High speed differential input • HS DIFF OUT = High speed differential output • PCI BUS = PCI bus 3-state bidirectional buffer with 3.3-V or 5.0-V clamp rail. • LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail • BIAS = Input/output terminals that generate a bias voltage to determine a driver's operating current • Feed through = these terminals connect directly to macros within the part and not through an input or output cell. • PWR = Power terminal • GND = Ground terminal Table 2-1. Power Supply Terminals ZGU ZAJ PNP I/O EXTERNAL SIGNAL DESCRIPTION BALL # BALL # PIN # TYPE PARTS PCIR A01, K03 D03, J03 I/O Resistor PCI Rail. 5.0-V or 3.3-V PCI bus clamp voltage to set maximum I/O voltage tolerance of the secondary PCI bus signals. Connect this terminal to the secondary PCI bus I/O clamp rail through a 1k Ω resistor. VDD_15 G04, K07, J08, H08, 21, 53, 113 PWR Bypass 1.5-V digital core power terminals D07, H10, J07, G08, capacitors G10, F10 N13, K13, G11, F11 VDDA_15 F13, H13 E12, H12 PWR Pi filter 1.5-V analog power terminal VDD_33 E04, H03, E05, G06, 7, 19, 33, 46, PWR Bypass 3.3-V digital I/O power terminal J04, L08, H07, G07, 62, 100, 111, capacitors K09, D09, H06, F08, 126 C07, D05, F07, F06, J12 J11 VDD_33_AUX J11 J12 73 PWR Bypass 3.3-V auxiliary power terminal Note: This terminal is capacitors connected to VSS through a pulldown resistor if no auxiliary supply is present. VDDA_33 D13 C12 PWR Pi filter 3.3-V analog power terminal Copyright © 2009–2010, Texas Instruments Incorporated Overview 15 Submit Documentation Feedback Product Folder Link(s): XIO2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |