Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  PCI Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 117 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 113Page - Texas Instruments XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 131 page
background image
XIO2001
www.ti.com
SCPS212D – MAY 2009 – REVISED JANUARY 2010
PCI Express Differential Transmitter Output Ranges (continued)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
ZTX-DIFF_DC
TXP, TXN
80
120
Ω
Low impedance defined during signaling.
DC differential TX impedance
VTX-CM-AC-P
(7)
TXP, TXN
20
mV
TX AC common mode voltage
ITX-SHORT
The total current transmitter can supply when shorted to
TXP, TXN
90
mA
Transmitter short-circuit current limit
ground.
VTX-DC-CM
The allowed DC common-mode voltage at the transmitter
TXP, TXN
0
3.6
V
Transmitter DC common-mode voltage
pins under any conditions.
|VTX-CM-DC – VTX-CM-Idle-DC|
≤ 100 mV
VTX-CM-DC-ACTIVE-IDLE-DELTA
VTX-CM-DC = DC(avg) of |VTXP + VTXN|/2 [during L0]
Absolute delta of DC common mode
TXP, TXN
0
100
mV
VTX-CM-Idle-DC = DC(avg) of |VTXP + VTXN|/2 [during electrical
voltage during L0 and electrical idle
idle]
VTX-CM-DC-LINE-DELTA
|VTXP-CM-DC – VTXN-CM-DC| ≤25 mV when
Absolute delta of DC common mode
TXP, TXN
0
25
mV
VTXP-CM-DC = DC(avg) of |VTXP| [during L0]
voltage between P and N
VTXN-CM-DC = DC(avg) of |VTXN| [during L0]
VTX-IDLE-DIFF-AC-p
Electrical idle differential peak output
TXP, TXN
0
20
mV
VTX-IDLE-DIFFp = |VTXP-Idle – VTXN-Idle| ≤ 20 mV
voltage
VTX-RCV-DETECT
The total amount of voltage change that a transmitter can
The amount of voltage change allowed
TXP, TXN
600
mV
apply to sense whether a low impedance receiver is
during receiver detection
present.
TTX-IDLE-MIN
TXP, TXN
20
ns
Minimum time a transmitter must be in electrical idle.
Minimum time spent in electrical idle
After sending the required number of EIOSs, the
TTX-IDLE-SET-TO-IDLE
transmitter must meet all electrical idle specifications
Maximum time to transition to a valid
TXP, TXN
8
ns
within this time. This is measured from the end of the last
electrical idle after sending an EIOS
EIOS to the transmitter in electrical idle.
TTX-IDLE-TO-DIFF-DATA
Maximum time to transistion to valid diff signaling after
Maximum time to transition to a valid diff
TXP, TXN
8
ns
leaving electrical idle. This is considered a debounce time
signaling after leaving electrical idle
to the Tx.
All transmitters shall be AC coupled. The AC coupling is
CTX
TXP, TXN
75
200
nF
required either within the media or within the transmitting
AC coupling capacitor
component itself.
(7)
Measurement is made over at least 10 UI.
7.5
PCI Express Differential Receiver Input Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
UI (1)
Each UI is 400 ps ±300 ppm. UI does not account for
RXP, RXN
399.88
400.12
ps
Unit interval
SSC dictated variations.
VRX-DIFF-PP-CC
(2)
RXP, RXN
0.175
1.200
V
VRX-DIFFp-p = 2*|VRXP – VRXN|
Differential input peak-to-peak voltage
The maximum interconnect media and transmitter jitter
TRX-EYE
(2) (3)
RXP, RXN
0.4
UI
that can be tolerated by the receiver is derived as
Minimum receiver eye width
TRX-MAX-JITTER = 1 – TRX-EYE = 0.6 UI
Jitter is defined as the measurement variation of the
crossing points (VRX-DIFFp-p = 0 V) in relation to
TRX-EYE-MEDIAN-to-MAX-JITTER
(2) (3)
recovered TX UI. A recovered TX UI is calculated over
Maximum time between the jitter median
RXP, RXN
0.3
UI
3500 consecutive UIs of sample data. Jitter is
and maximum deviation from the median
measured using all edges of the 250 consecutive UIs
in the center of the 3500 UIs used for calculating the
TX UI.
(1)
No test load is necessarily associated with this value.
(2)
Specified at the measurement point and measured over any 250 consecutive UIs. A test load must be used as the RX device when
taking measurements. If the clocks to the RX and TX are not derived from the same reference clock, then the TX UI recovered from
3500 consecutive UIs is used as a reference for the eye diagram.
(3)
A TRX-EYE = 0.40 UI provides for a total sum of 0.60 UI deterministic and random jitter budget for the transmitter and interconnect
collected any 250 consecutive UIs. The TRX-EYE-MEDIAN-to-MAX-JITTER specification ensures a jitter distribution in which the
median and the maximum deviation from the median is less than half of the total UI jitter budget collected over any 250 consecutive TX
UIs. It must be noted that the median is not the same as the mean. The jitter median describes the point in time where the number of
jitter points on either side is approximately equal as opposed to the averaged time value. If the clocks to the RX and TX are not derived
from the same reference clock, then the TX UI recovered from 3500 consecutive UIs must be used as the reference for the eye
diagram.
Copyright © 2009–2010, Texas Instruments Incorporated
Electrical Characteristics
117
Submit Documentation Feedback
Product Folder Link(s): XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com