Electronic Components Datasheet Search
  English  ▼

X  

NTP2955 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP2955
Description  Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP2955 Datasheet(HTML) 2 Page - ON Semiconductor

  NTP2955 Datasheet HTML 1Page - ON Semiconductor NTP2955 Datasheet HTML 2Page - ON Semiconductor NTP2955 Datasheet HTML 3Page - ON Semiconductor NTP2955 Datasheet HTML 4Page - ON Semiconductor NTP2955 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTP2955
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
67
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −48 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−2.0
−4.0
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
56
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = −10 V, ID = −12 A
156
196
mW
Forward Transconductance
gFS
VDS = −60 V, ID = −12 A
6.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −25 V
507
700
pF
Output Capacitance
COSS
150
250
Reverse Transfer Capacitance
CRSS
48
98
Total Gate Charge
QG(TOT)
VGS = −10 V, VDS = −48 V,
ID = −12 A
14
nC
Threshold Gate Charge
QG(TH)
1.6
2.5
Gate−to−Source Charge
QGS
3.4
Gate−to−Drain Charge
QGD
6.2
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VGS = −10 V, VDD = −30 V,
ID = −12 A, RG = 9.1 W
10
20
ns
Rise Time
tr
41
80
Turn−Off Delay Time
td(off)
27
47
Fall Time
tf
45
85
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −12 A
TJ = 25°C
−1.6
−2.0
V
TJ = 125°C
−1.36
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = −12 A
53
ns
Charge Time
ta
42
Discharge Time
tb
12
Reverse Recovery Charge
QRR
126
nC
2. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com