Electronic Components Datasheet Search
  English  ▼

X  

NTP2955 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTP2955
Description  Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP2955 Datasheet(HTML) 4 Page - ON Semiconductor

  NTP2955 Datasheet HTML 1Page - ON Semiconductor NTP2955 Datasheet HTML 2Page - ON Semiconductor NTP2955 Datasheet HTML 3Page - ON Semiconductor NTP2955 Datasheet HTML 4Page - ON Semiconductor NTP2955 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTP2955
http://onsemi.com
4
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
−10
−5
0
5
1015
2025
Figure 7. Capacitance Variation
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = −0 V
−VGS −VDS
VDS = −0 V
CISS
CRSS
CRSS
CISS
COSS
0
2
4
6
8
10
12
04
8
12
16
0
10
20
30
40
50
60
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
QG, TOTAL GATE CHARGE, (nC)
ID = −12 A
TJ = 25°C
QT
QGD
QGS
VGS
VDS
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
RG, GATE RESISTANCE (W)
tr
tf
td(off)
td(on)
VDD = −30 V
ID = −12 A
VGS = −10 V
0
2
4
6
8
10
12
14
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
Figure 10. Diode Forward Voltage versus
Current
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = −0 V
TJ = 25°C
0.1
1
10
100
1000
0.1
1.0
10
100
10 ms
1 ms
100 ms
10 ms
dc
VGS = −10 V
SINGLE PULSE
TJ = 25°C
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
50
100
150
200
250
25
50
75
100
125
150
175
Figure 12. Maximum Avalanche Energy
versus Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = −12 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com