Electronic Components Datasheet Search
  English  ▼

X  

DLFP Datasheet(PDF) 1 Page - Schurter Inc.

Part # DLFP
Description  Linear/Saturating Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLFP Datasheet(HTML) 1 Page - Schurter Inc.

  DLFP Datasheet HTML 1Page - Schurter Inc. DLFP Datasheet HTML 2Page - Schurter Inc. DLFP Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Suppression Chokes
DLFP
www.schurter.com/pg8_82
EMC Products
Linear/Saturating Choke
Description
-Linear/saturatingchoke
-Flexiblewire
-Lownoisedevelopmentbyusingironpowdertoroidsinsteadofcon-
ventionalironlaminationcores
-Fullypottedresign
Standards
-EN60938
Applications
-Phaseanglecontrolcircuitswiththyristors,triacsortransistors
-Thechokeactsatitsoptimumwhenitismounteddirectlyattheinter-
ferenceoriginator(thyristor,triac)
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
Ratedvoltage
upto440VAC
RatedCurrent
5-45A@Ta45°C
PowerOperatingFrequency
50Hz
Terminaltechnic
THT,Flexiblewire
Weight
149-1423g
Material:Housing
UL94V-0
SealingCompound
UL94V-0
IsolationVoltage
2kVeff.,windingtoambient
ClimaticCategory
25/100/21acc.toIEC60068-1
AllowableOperationTemp.
-25°Cto100°C
Dimensions
Case 25W
3.5
40
32
30.8
200
10...20
(0.8)
4.8
Case 47W
3.3
50
40
45.8
200
10...20
(0.8)
5.8


Similar Part No. - DLFP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLFP SCHURTER-DLFP Datasheet
313Kb / 4P
Linear/Saturating Choke
DLFP SCHURTER-DLFP Datasheet
295Kb / 3P
Linear/Saturating Choke
14.09.2021
DLFP-0125-0501 SCHURTER-DLFP-0125-0501 Datasheet
313Kb / 4P
Linear/Saturating Choke
DLFP-0125-08D5 SCHURTER-DLFP-0125-08D5 Datasheet
313Kb / 4P
Linear/Saturating Choke
DLFP-0132-45D2 SCHURTER-DLFP-0132-45D2 Datasheet
313Kb / 4P
Linear/Saturating Choke
More results

Similar Description - DLFP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFSG SCHURTER-DFSG Datasheet
482Kb / 3P
Saturating Choke
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
Linear/Saturating Choke
DFSG SCHURTER-DFSG_17 Datasheet
379Kb / 4P
Saturating Choke
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
Linear/Saturating Choke
DLFP SCHURTER-DLFP_17 Datasheet
313Kb / 4P
Linear/Saturating Choke
DFSG SCHURTER-DFSG_18 Datasheet
361Kb / 3P
Saturating Choke
logo
Schaffner International...
RI-111-PC SCHAFFNER-RI-111-PC Datasheet
903Kb / 4P
Saturating Chokes
logo
Schurter Inc.
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
Linear/Saturating Choke
14.09.2021
DFSG SCHURTER-DFSG_V01 Datasheet
362Kb / 3P
Saturating Choke
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com