Electronic Components Datasheet Search
  English  ▼

X  

DLFP Datasheet(PDF) 2 Page - Schurter Inc.

Part # DLFP
Description  Linear/Saturating Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLFP Datasheet(HTML) 2 Page - Schurter Inc.

  DLFP Datasheet HTML 1Page - Schurter Inc. DLFP Datasheet HTML 2Page - Schurter Inc. DLFP Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DLFP
www.schurter.com/pg8_82
EMC Products
Case 32W
4.3
80
65
70.8
200
10...20
(0.8)
6.8
Diagrams
1)
2)
Interference suppression with resistive load, 2-phase
1) Line
2) Load
1)
2)
Interference suppression with resisitive load, 2-stage
DFSG: Radio interference suppression saturation choke
DFK: Radio interference suppression choke magnetically condensated
1) Line
2) Load
1)
2)
3)
Interference suppression with resistive load, < 10A, e.g. dimmers circuit (DFSG)
1) Line
2) Load
3) only to protection class I
1)
2)
Interference suppression with inductive load
1) Line
2) Load
Derating Curves
Allowed current versus ambient temperature



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com