Electronic Components Datasheet Search
  English  ▼

X  

B4182 Datasheet(PDF) 1 Page - EPCOS

Part # B4182
Description  CDMA BTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4182 Datasheet(HTML) 1 Page - EPCOS

  B4182 Datasheet HTML 1Page - EPCOS B4182 Datasheet HTML 2Page - EPCOS B4182 Datasheet HTML 3Page - EPCOS B4182 Datasheet HTML 4Page - EPCOS B4182 Datasheet HTML 5Page - EPCOS B4182 Datasheet HTML 6Page - EPCOS B4182 Datasheet HTML 7Page - EPCOS B4182 Datasheet HTML 8Page - EPCOS B4182 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© EPCOS AG 2009. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
SAW filter
CDMA BTS
Series/type:
Ordering code:
B4182
B39182B4182U410
Date:
Version:
November 16, 2009
2.0


Similar Part No. - B4182

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41820A2226M00 EPCOS-B41820A2226M00 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41820A3156M00 EPCOS-B41820A3156M00 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
B41820A4106M00 EPCOS-B41820A4106M00 Datasheet
93Kb / 6P
Single-Ended Capacitors Low Profile
More results

Similar Description - B4182

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2638 RFMD-RF2638 Datasheet
152Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
Peregrine Semiconductor...
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
High Linearity Quad MOSFET Mixer for DCS 1800 BTS
logo
RF Micro Devices
RF2638 RFMD-RF2638_06 Datasheet
170Kb / 10P
W-CDMA AND CDMA UPCONVERTER/ BPSK MODULATOR
logo
EPCOS
B5015 EPCOS-B5015_1 Datasheet
60Kb / 7P
CDMA
logo
Meder Electronic
BTS05-2A46 MEDER-BTS05-2A46 Datasheet
96Kb / 2P
BTS Reed Relay
logo
ANADIGICS, Inc
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
Molex Electronics Ltd.
0398605008 MOLEX11-0398605008 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
0398630112 MOLEX11-0398630112 Datasheet
556Kb / 2P
PLUGGABLE SR BTS ASSY, (200 CENTERS) WITH KEY FEATURE
logo
RFHIC
AP410 RFHIC-AP410_14 Datasheet
240Kb / 8P
CDMA, W-CDMA Medium Power Amplifier
logo
Molex Electronics Ltd.
38720-3206 MOLEX-38720-3206 Datasheet
128Kb / 2P
9.53MM 375 SR BTS ASSY INSULATED TURRET TERMINAL W/MTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com