Electronic Components Datasheet Search
  English  ▼

X  

B4182 Datasheet(PDF) 6 Page - EPCOS

Part # B4182
Description  CDMA BTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4182 Datasheet(HTML) 6 Page - EPCOS

Back Button B4182 Datasheet HTML 2Page - EPCOS B4182 Datasheet HTML 3Page - EPCOS B4182 Datasheet HTML 4Page - EPCOS B4182 Datasheet HTML 5Page - EPCOS B4182 Datasheet HTML 6Page - EPCOS B4182 Datasheet HTML 7Page - EPCOS B4182 Datasheet HTML 8Page - EPCOS B4182 Datasheet HTML 9Page - EPCOS B4182 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
November 16, 2009
B4182
1882.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
= -40 to +85˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fc
1882,5
MHz
Maximum insertion attenuation
α
max
1850,0
...1915,0
MHz
—
2,9
4.0
dB
Amplitude ripple (p-p)
∆α
1850,0
...1915,0
MHz
—
1,1
2.2
dB
Return loss
1850,0
...1915,0
MHz
9,0
10,0
—
dB
Attenuation
α
abs
800,0
...1400,0
MHz
24,0
28,0
—
1400,0
...1746,0
MHz
25,0
28,0
—
dB
1930,0
...1940,0
MHz
3,0
7,0
—
dB
1940,0
...3000,0
MHz
20,0
23,0
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com