Electronic Components Datasheet Search
  English  ▼

X  

B4236 Datasheet(PDF) 3 Page - EPCOS

Part # B4236
Description  SAW Rx 2in1 filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 3 Page - EPCOS

  B4236 Datasheet HTML 1Page - EPCOS B4236 Datasheet HTML 2Page - EPCOS B4236 Datasheet HTML 3Page - EPCOS B4236 Datasheet HTML 4Page - EPCOS B4236 Datasheet HTML 5Page - EPCOS B4236 Datasheet HTML 6Page - EPCOS B4236 Datasheet HTML 7Page - EPCOS B4236 Datasheet HTML 8Page - EPCOS B4236 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
July 06, 2007
B4236
769.0 / 809.5 MHz
SAW Components
SAW Rx 2in1 filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter 1
Temperature range for specification:
T
=
-30 .. +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@25˚C
max.
Center frequency
fC
—
809.5
—
MHz
Maximum insertion attenuation
α
max
794.0 ...
825.0 MHz
—
2.3
3.31)
1) 2.8 dB at 25
± 2˚C.
dB
Amplitude ripple (p-p)
∆α
794.0 ...
825.0 MHz
—
0.9
1.92)
2) 1.4 dB at 25
± 2˚C.
dB
Group delay ripple (p-p)
∆τ
794.0 ...
825.0 MHz
—
27.0
75.03)
3) 50 ns at 25
± 2˚C.
ns
Return loss (Input and Output)
794.0 ...
825.0 MHz
8.0
9.0
—
dB
Attenuation
α
0.0 ...
645.0
MHz
40
62
—
dB
674.0 ...
735.0
MHz
30
56
—
dB
735.0 ...
777.0
MHz
20
28
—
dB
851.0 ...
884.0
MHz
20
28
—
dB
884.0 ...
945.0
MHz
30
56
—
dB
974.0 ... 1065.0
MHz
40
54
—
dB
1065.0 ... 1564.5
MHz
20
42
—
dB
1564.5 ... 1594.5
MHz
30
43
—
dB
2326.5 ... 2371.5
MHz
36
41
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com