Electronic Components Datasheet Search
  English  ▼

X  

B4236 Datasheet(PDF) 6 Page - EPCOS

Part # B4236
Description  SAW Rx 2in1 filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4236 Datasheet(HTML) 6 Page - EPCOS

Back Button B4236 Datasheet HTML 2Page - EPCOS B4236 Datasheet HTML 3Page - EPCOS B4236 Datasheet HTML 4Page - EPCOS B4236 Datasheet HTML 5Page - EPCOS B4236 Datasheet HTML 6Page - EPCOS B4236 Datasheet HTML 7Page - EPCOS B4236 Datasheet HTML 8Page - EPCOS B4236 Datasheet HTML 9Page - EPCOS B4236 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
July 06, 2007
B4236
769.0 / 809.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx 2in1 filter
Data sheet
Characteristics of Filter 2
Temperature range for specification:
T
=
-30 .. +70 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@25˚C
max.
Center frequency
fC
—
769.0
—
MHz
Maximum insertion attenuation
α
max
762.0 ...
776.0 MHz
—
1.7
2.61)
1) 2.4 dB at 25
± 2˚C.
dB
Amplitude ripple (p-p)
∆α
762.0 ...
776.0 MHz
—
0.4
1.0
dB
Group delay ripple (p-p)
∆τ
762.0 ...
776.0 MHz
—
22.0
50.0
ns
Return loss (Input and Output)
762.0 ...
776.0 MHz
12.0
13.5
—
dB
Attenuation
α
0.0 ...
431.0
MHz
57
60
—
dB
431.0 ...
604.0
MHz
50
60
—
dB
604.0 ...
690.0
MHz
30
58
—
dB
690.0 ...
733.0
MHz
20
52
—
dB
733.0 ...
752.0
MHz
9
22
—
dB
804.0 ...
847.0
MHz
25
36
—
dB
847.0 ...
892.7
MHz
30
52
—
dB
892.7 ...
910.7
MHz
50
56
—
dB
910.7 ...
995.3
MHz
47
54
—
dB
995.3 ... 1121.0
MHz
42
52
—
dB
1524.0 ... 1554.0
MHz
30
42
—
dB
2286.0 ... 2331.0
MHz
30
39
—
dB
Temperature coefficient of frequency
TCf
—
– 36
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com