Electronic Components Datasheet Search
  English  ▼

X  

B5064 Datasheet(PDF) 10 Page - EPCOS

Part # B5064
Description  SAW Rx filter WCDMA Band I
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5064 Datasheet(HTML) 10 Page - EPCOS

Back Button B5064 Datasheet HTML 4Page - EPCOS B5064 Datasheet HTML 5Page - EPCOS B5064 Datasheet HTML 6Page - EPCOS B5064 Datasheet HTML 7Page - EPCOS B5064 Datasheet HTML 8Page - EPCOS B5064 Datasheet HTML 9Page - EPCOS B5064 Datasheet HTML 10Page - EPCOS B5064 Datasheet HTML 11Page - EPCOS B5064 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
March 05, 2009
B5064
1950.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Rx filter
Data sheet
Testing Matching Network
(Element values depend on PCB layout)
Ls1 = 1.5nH
Cp2 = 1.0pF
Cp2
Ls1
5
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com